Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VS6555 Datasheet(PDF) 1 Page - STMicroelectronics

Part No. VS6555
Description  Ultra small reflowable VGA camera module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6555 Datasheet(HTML) 1 Page - STMicroelectronics

  VS6555 Datasheet HTML 1Page - STMicroelectronics VS6555 Datasheet HTML 2Page - STMicroelectronics VS6555 Datasheet HTML 3Page - STMicroelectronics VS6555 Datasheet HTML 4Page - STMicroelectronics VS6555 Datasheet HTML 5Page - STMicroelectronics VS6555 Datasheet HTML 6Page - STMicroelectronics VS6555 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
January 2007
Rev 1
1/7
7
VS6555
Ultra small reflowable VGA camera module
Features
VGA resolution sensor (640 x 480)
Electrical and logical interface fully SMIA
compliant
Video data interface - CCP2.0
Command interface - CCI
2.8 V/1.8 V operation
On-board 10-bit ADC
Small physical size (2.5mm height)
Integral EMC shielding
Ultra low power standby mode
On-chip PLL
Lead free reflowable module
Applications
Mobile phone
PDA
Videophone
Description
The VS6555 is an ultra small reflowable VGA
camera module for use across a range of mobile
phone handsets and accessories. It is primarily
designed to be used as a secondary camera for
video conferencing applications, but could equally
be used as a primary camera. The camera silicon
device is SMIA class 0 profile 0 compliant and is
capable of generating raw bayer VGA images up
to 30 fps. The VS6555 supports the CCI control
and CCP2.0 data interfaces
As different phone platforms have different
baseband processors with varying capabilities, it
may not be possible for all phones to support the
associated image processing algorithms. Where
the baseband cannot support this processing
load, a separate hardware accelerator (STV0984
or STV0986) device can be incorporated in the
phone system to run the algorithms in hardware.
The STV0984 and STV0986 processors can
support 2 cameras.
The module design is optimized to provide an ultra
small footprint and height, and is designed to be
reflowable at lead-free solder profiles. The product
is lead free.
The lens design is optimized for video
conferencing and maintains its performance even
after the high temperatures of lead-free reflow.
VS6555 offers an ultra low power consumption
hardware standby mode consuming less than
30 µW.
www.st.com


Similar Part No. - VS6555

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
VS6552 STMICROELECTRONICS-VS6552 Datasheet
800Kb / 26P
   VGA Color CMOS Image Sensor Module
VS6552V015 STMICROELECTRONICS-VS6552V015 Datasheet
800Kb / 26P
   VGA Color CMOS Image Sensor Module
VS6552V015/T2 STMICROELECTRONICS-VS6552V015/T2 Datasheet
800Kb / 26P
   VGA Color CMOS Image Sensor Module
VS6552V02C STMICROELECTRONICS-VS6552V02C Datasheet
800Kb / 26P
   VGA Color CMOS Image Sensor Module
VS6552V02C/T2 STMICROELECTRONICS-VS6552V02C/T2 Datasheet
800Kb / 26P
   VGA Color CMOS Image Sensor Module
More results

Similar Description - VS6555

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
VW6754 STMICROELECTRONICS-VW6754 Datasheet
95Kb / 4P
   Ultra small reflowable UXGA camera module
VS6451 STMICROELECTRONICS-VS6451_07 Datasheet
1Mb / 4P
   Ultra small CIF reflowable camera module
VS6451 STMICROELECTRONICS-VS6451 Datasheet
251Kb / 5P
   Ultra small reflowable CIF camera module
Toshiba Semiconductor
Toshiba Semiconductor
TCM8230MD TOSHIBA-TCM8230MD Datasheet
950Kb / 27P
   VGA CAMERA MODULE
STMicroelectronics
STMicroelectronics
VS6524 STMICROELECTRONICS-VS6524 Datasheet
56Kb / 3P
   VGA Mobile Camera Module
IMG-524-P01 STMICROELECTRONICS-IMG-524-P01 Datasheet
63Kb / 3P
   VGA Mobile Camera Module
VL6524 STMICROELECTRONICS-VL6524 Datasheet
715Kb / 70P
   VGA single-chip camera module
VS6525 STMICROELECTRONICS-VS6525 Datasheet
195Kb / 6P
   VGA single-chip camera module
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
ADCM-2650-0001 HP-ADCM-2650-0001 Datasheet
152Kb / 3P
   Portrait VGA Resolution CMOS Camera Module
STMicroelectronics
STMicroelectronics
STV0672 STMICROELECTRONICS-STV0672 Datasheet
25Kb / 2P
   USB VGA Digital Camera Chipset
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz