Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDS050DRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN75LVDS050DRG4
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS050DRG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN75LVDS050DRG4 Datasheet HTML 1Page - Texas Instruments SN75LVDS050DRG4 Datasheet HTML 2Page - Texas Instruments SN75LVDS050DRG4 Datasheet HTML 3Page - Texas Instruments SN75LVDS050DRG4 Datasheet HTML 4Page - Texas Instruments SN75LVDS050DRG4 Datasheet HTML 5Page - Texas Instruments SN75LVDS050DRG4 Datasheet HTML 6Page - Texas Instruments SN75LVDS050DRG4 Datasheet HTML 7Page - Texas Instruments SN75LVDS050DRG4 Datasheet HTML 8Page - Texas Instruments SN75LVDS050DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SN75LVDS179, SN75LVDS180, SN75LVDS050, SN75LVDS051
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLLS361A – JUNE 1999 – REVISED MARCH 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Function Tables
SN75LVDS179 RECEIVER
INPUTS
OUTPUT
VID = VA – VB
R
VID ≥ 100 mV
H
–100 MV < VID < 100 mV
?
VID ≤ –100 mV
L
Open
H
H = high level, L = low level, ? = indeterminate
SN75LVDS179 DRIVER
INPUT
OUTPUTS
D
Y
Z
L
L
H
H
H
L
Open
L
H
H = high level, L = low level
SN75LVDS180, SN75LVDS050, and
SN75LVDS051 RECEIVER
INPUTS
OUTPUT
VID = VA – VB
RE
R
VID ≥ 100 mV
L
H
–100 MV < VID < 100 mV
L
?
VID ≤ –100 mV
L
L
Open
L
H
X
H
Z
H = high level, L = low level, Z = high impedance,
X = don’t care
SN75LVDS180, SN75LVDS050, and
SN75LVDS051 DRIVER
INPUTS
OUTPUTS
D
DE
Y
Z
L
H
L
H
H
H
H
L
Open
H
L
H
X
L
Z
Z
H = high level, L = low level, Z = high impedance,
X = don’t care


Similar Part No. - SN75LVDS050DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS31 TI-SN75LVDS31 Datasheet
166Kb / 12P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31D TI-SN75LVDS31D Datasheet
166Kb / 12P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31D TI-SN75LVDS31D Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31DG4 TI-SN75LVDS31DG4 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75LVDS050DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179_0705 TI-SN65LVDM179_0705 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1 TI1-SN65LVDS1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed Differential Line Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com