Electronic Components Datasheet Search |
|
LD1086V80 Datasheet(PDF) 8 Page - STMicroelectronics |
|
LD1086V80 Datasheet(HTML) 8 Page - STMicroelectronics |
8 / 37 page Electrical characteristics LD1086xx 8/37 Table 5. Electrical characteristics of LD1086#18 (VI=4.8V, CI = CO =10μF, TA = -40 to 125°C, unless otherwise specified). Symbol Parameter Test Min. Typ. Max. Unit VO Output voltage (1) IO = 0 mA, TJ = 25°C 1.782 1.8 1.818 V IO = 0 to 1.5A, VI = 3.4 to 30V 1.764 1.8 1.836 V ΔVO Line regulation IO = 0 mA, VI = 3.4 to 18V, TJ = 25°C 0.2 4 mV IO = 0 mA, VI = 3.4 to 15V 0.4 4 mV ΔVO Load regulation IO = 0 to 1.5A, TJ = 25°C 0.5 8 mV IO = 0 to 1.5A 1 16 mV Vd Dropout voltage IO = 1.5A 1.3 1.5 V Iq Quiescent current VI ≤30V 5 10 mA Isc Short circuit current VI - VO = 5V 1.5 2 A VI - VO = 25V 0.05 0.02 A Thermal regulation TA = 25°C, 30ms pulse 0.01 0.04 %/W SVR Supply voltage rejection f = 120 Hz, CO = 25 μF, IO = 1.5A VI = 6.8 ± 3V 60 82 dB eN RMS Output noise voltage (% of VO) TA = 25°C, f =10Hz to 10KHz 0.003 % S Temperature stability 0.5 % S Long term stability TA = 125°C, 1000Hrs 0.5 % 1. See short-circuit current curve for available output current at fixed dropout. |
Similar Part No. - LD1086V80 |
|
Similar Description - LD1086V80 |