Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7806CV Datasheet(PDF) 11 Page - STMicroelectronics

Part # L7806CV
Description  Positive voltage regulators
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7806CV Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L7806CV Datasheet HTML 7Page - STMicroelectronics L7806CV Datasheet HTML 8Page - STMicroelectronics L7806CV Datasheet HTML 9Page - STMicroelectronics L7806CV Datasheet HTML 10Page - STMicroelectronics L7806CV Datasheet HTML 11Page - STMicroelectronics L7806CV Datasheet HTML 12Page - STMicroelectronics L7806CV Datasheet HTML 13Page - STMicroelectronics L7806CV Datasheet HTML 14Page - STMicroelectronics L7806CV Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
L78xx - L78xxC
Electrical characteristics
11/52
5
Electrical characteristics
Table 4.
Electrical characteristics of L7805 (refer to the test circuits, TJ = -55 to 150°C, VI = 10 V,
IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
4.8
5
5.2
V
VO
Output voltage
IO = 5 mA to 1 A, PO ≤15 W
VI = 8 to 20 V
4.65
5
5.35
V
ΔVO(1)
1.
Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be
taken into account separately. Pulse testing with low duty cycle is used.
Line regulation
VI = 7 to 25 V, TJ = 25°C
3
50
mV
VI = 8 to 12 V, TJ = 25°C
1
25
ΔVO(1)
Load regulation
IO = 5 mA to 1.5 A, TJ = 25°C
100
mV
IO = 250 to 750 mA, TJ = 25°C
25
Id
Quiescent current
TJ = 25°C
6
mA
ΔId
Quiescent current change
IO = 5 mA to 1 A
0.5
mA
VI = 8 to 25 V
0.8
ΔVO/ΔT Output voltage drift
IO = 5 mA
0.6
mV/°C
eN
Output noise voltage
B =10 Hz to 100 KHz, TJ = 25°C
40
µV/VO
SVR
Supply voltage rejection
VI = 8 to 18 V, f = 120 Hz
68
dB
Vd
Dropout voltage
IO = 1 A, TJ = 25°C
2
2.5
V
RO
Output resistance
f = 1 KHz
17
m
Ω
Isc
Short circuit current
VI = 35 V, TJ = 25°C
0.75
1.2
A
Iscp
Short circuit peak current
TJ = 25°C
1.3
2.2
3.3
A


Similar Part No. - L7806CV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7806CV STMICROELECTRONICS-L7806CV Datasheet
1Mb / 34P
   POSITIVE VOLTAGE REGULATORS
L7806CV STMICROELECTRONICS-L7806CV Datasheet
1Mb / 56P
   Positive voltage regulators
L7806CV STMICROELECTRONICS-L7806CV Datasheet
1Mb / 58P
   Positive voltage regulator ICs
March 2014 Rev 32
logo
Inchange Semiconductor ...
L7806CV ISC-L7806CV Datasheet
253Kb / 2P
   isc Three Terminal Positive Voltage Regulator
logo
STMicroelectronics
L7806CV STMICROELECTRONICS-L7806CV Datasheet
2Mb / 57P
   Positive voltage regulator ICs
March 2013 Rev 31
More results

Similar Description - L7806CV

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com