Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC34IZASR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC34IZASR
Description  FOUR-CHANNEL, LOW-POWER AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC34IZASR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV320AIC34IZASR Datasheet HTML 2Page - Texas Instruments TLV320AIC34IZASR Datasheet HTML 3Page - Texas Instruments TLV320AIC34IZASR Datasheet HTML 4Page - Texas Instruments TLV320AIC34IZASR Datasheet HTML 5Page - Texas Instruments TLV320AIC34IZASR Datasheet HTML 6Page - Texas Instruments TLV320AIC34IZASR Datasheet HTML 7Page - Texas Instruments TLV320AIC34IZASR Datasheet HTML 8Page - Texas Instruments TLV320AIC34IZASR Datasheet HTML 9Page - Texas Instruments TLV320AIC34IZASR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 91 page
background image
www.ti.com
TLV320AIC34
SLAS538 – OCTOBER 2007
Table 1. TERMINAL FUNCTIONS, ALPHABETIC (continued)
TERMINAL
I/O
DESCRIPTION
NAME
BGA BALL
WCLK_A
K4
I/O
Audio serial data bus word clock (input/output) A
WCLK_B
L3
I/O
Audio serial data bus word clock (input/output) B
Table 2. TERMINAL FUNCTIONS, NUMERIC
TERMINAL
I/O
DESCRIPTION
BGA BALL
NAME
A1
MONO_LOP_B
O
Mono line output (plus) B
A2
MONO_LOM_A
O
Mono line output (minus) A
A3
MONO_LOP_A
O
Mono line output (plus) A
A4
DRVDD
ADC analog and output driver voltage supply, 2.7 V–3.6 V
A5
HPROUT_B
O
High-power output driver (right plus) B
A6
HPRCOM_B
O
High-power output driver (right minus or multifunctional) B
A7
HPLCOM_B
O
High-power output driver (left minus or multifunctional) B
A8
HPLOUT_B
O
High-power output driver (left plus) B
A9
DRVDD
Analog ADC and output driver voltage supply, 2.7 V–3.6 V
A10
MIC3R_A
I
Microphone or line input 3 right A
A11
MIC3R_B
I
Microphone or line input 3 right B
B1
MONO_LOM_B
O
Mono line output (minus) B
B3
AVDD_DAC
Analog DAC voltage supply, 2.7 V–3.6 V
B4
DRVDD
ADC analog and output driver voltage supply, 2.7 V–3.6 V
B5
HPROUT_A
O
High-power output driver (right plus) A
B6
HPRCOM_A
O
High-power output driver (right minus or multifunctional) A
B7
HPLCOM_A
O
High-power output driver (left minus or multifunctional) A
B8
HPLOUT_A
O
High-power output driver (left plus) A
B9
DRVDD
Analog ADC and output driver voltage supply, 2.7 V–3.6 V
B10
MICBIAS_A
O
Microphone bias voltage output A
B11
MICBIAS_B
O
Microphone bias voltage output B
C1
LEFT_LOP_B
O
Left line output (plus) B
C2
LEFT_LOP_A
O
Left line output (plus) A
C10
MICDET_A
I
Microphone detect A
C11
MICDET_B
I
Microphone detect B
D1
LEFT_LOM_B
O
Left line output (minus) B
D2
LEFT_LOM_A
O
Left line output (minus) A
D4
AVSS_DAC
Analog DAC ground supply, 0 V
D5, D6, D7
DRVSS
Analog output driver ground supply, 0 V
D8
AVSS_ADC
Analog ADC ground supply, 0 V
D10
MIC3L_A
I
MIC3 input (left or multifunction) A
D11
MIC3L_B
I
MIC3 input (left or multifunction) B
E1
RIGHT_LOP_B
O
Right line output (plus) B
E2
RIGHT_LOP_A
O
Right line output (plus) A
E4
AVSS_DAC
Analog DAC ground supply, 0 V
E8
DVSS
Digital core / I/O ground supply, 0 V
E10
LINE2RM_A
I
MIC2 or Line2 analog input (right minus or multifunction) A
E11
LINE2RM_B
I
MIC2 or Line2 analog input (right minus or multifunction) B
F1
RIGHT_LOM_B
O
Right line output (minus) B
F2
RIGHT_LOM_A
O
Right line output (minus) A
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TLV320AIC34


Similar Part No. - TLV320AIC34IZASR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC34IZASR TI-TLV320AIC34IZASR Datasheet
1Mb / 94P
[Old version datasheet]   FOUR-CHANNEL, LOW-POWER AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results

Similar Description - TLV320AIC34IZASR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC34 TI-TLV320AIC34_1 Datasheet
1Mb / 94P
[Old version datasheet]   FOUR-CHANNEL, LOW-POWER AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com