Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHFL4913SCA-01V Datasheet(PDF) 6 Page - STMicroelectronics

Part # RHFL4913SCA-01V
Description  Rad-Hard Adjustable positive voltage regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913SCA-01V Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RHFL4913SCA-01V Datasheet HTML 2Page - STMicroelectronics RHFL4913SCA-01V Datasheet HTML 3Page - STMicroelectronics RHFL4913SCA-01V Datasheet HTML 4Page - STMicroelectronics RHFL4913SCA-01V Datasheet HTML 5Page - STMicroelectronics RHFL4913SCA-01V Datasheet HTML 6Page - STMicroelectronics RHFL4913SCA-01V Datasheet HTML 7Page - STMicroelectronics RHFL4913SCA-01V Datasheet HTML 8Page - STMicroelectronics RHFL4913SCA-01V Datasheet HTML 9Page - STMicroelectronics RHFL4913SCA-01V Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
RHFL4913 ADJUSTABLE VERSION
6/16
Figure 2.
Application diagram for remote sensing operation
Vd
Dropout voltage
IO = 400mA, VO = 2.5 to 9 V, (+25°C)
350
450
mV
IO = 400mA, VO = 2.5 to 9 V, (-55°C)
300
400
IO = 400mA, VO = 2.5 to 9 V, (+125°C)
450
550
IO = 1A, VO = 2.5 to 9 V, (+25°C)
650
IO = 1A, VO = 2.5 to 9 V, (-55°C)
550
IO = 1A, VO = 2.5 to 9 V, (+125°C)
800
IO = 2A, VO = 2.5 to 9 V, (+25°C)
900
IO = 2A, VO = 2.5 to 9 V, (+125°C)
950
VINH(ON) Inhibit voltage
IO = 5mA, TJ=-55 to +125°C
0.8
V
VINH(OFF) Inhibit voltage
IO = 5mA, TJ=-55 to +125°C
2.4
SVR
Supply voltage
rejection (1)
VI = VO+2.5V ± 0.5V, VO =
3V IO = 5mA
f = 120Hz
60
70
dB
f = 33KHz
30
40
ISH
Shutdown input current VINH = 5 V
15
µA
VOCM
OCM Pin Voltage
Sinked IOCM = 24 mA active low
0.38
V
tPLH
tPHL
Inhibit propagation
delay (1)
VI = VO+2.5V, VINH = 2.4 V, IO = 400 mA
VO = 3V
ON-OFF
20
µS
OFF-ON
100
µS
eN
Output noise voltage (1) B= 10Hz to 100KHz, IO = 5mA to 2A
40
µVrms
1.
These values are guaranteed by design. For each application it’s strongly recommended to comply with the maximum
current limit of the package used.
Table 4.
Electrical characteristics
(TJ = 25°C, VI = VO+2.5V, CI = CO = 1µF, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit


Similar Part No. - RHFL4913SCA-01V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913SCA-07V STMICROELECTRONICS-RHFL4913SCA-07V Datasheet
426Kb / 20P
   Rad-hard adjustable positive voltage regulator
More results

Similar Description - RHFL4913SCA-01V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
   2 A rad-hard adjustable positive voltage regulator
logo
Aeroflex Circuit Techno...
ACT8600 AEROFLEX-ACT8600 Datasheet
73Kb / 5P
   ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator
logo
STMicroelectronics
RHFL6000L STMICROELECTRONICS-RHFL6000L Datasheet
1Mb / 28P
   2 A Rad-hard adjustable positive linear voltage regulator
Rev 1 - November 2022
RHFL7913A STMICROELECTRONICS-RHFL7913A Datasheet
360Kb / 19P
   Rad-hard adjustable negative voltage regulator
RHFL7913A STMICROELECTRONICS-RHFL7913A_11 Datasheet
364Kb / 19P
   Rad-hard adjustable negative voltage regulator
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_10 Datasheet
273Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
   Rad-hard positive fixed voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com