Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC58128AFT Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC58128AFT
Description  128-MBIT (16M 횞 8 BITS) CMOS NAND E2PROM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58128AFT Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC58128AFT Datasheet HTML 1Page - Toshiba Semiconductor TC58128AFT Datasheet HTML 2Page - Toshiba Semiconductor TC58128AFT Datasheet HTML 3Page - Toshiba Semiconductor TC58128AFT Datasheet HTML 4Page - Toshiba Semiconductor TC58128AFT Datasheet HTML 5Page - Toshiba Semiconductor TC58128AFT Datasheet HTML 6Page - Toshiba Semiconductor TC58128AFT Datasheet HTML 7Page - Toshiba Semiconductor TC58128AFT Datasheet HTML 8Page - Toshiba Semiconductor TC58128AFT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TC58128AFT
2001-05-30
4/33
AC CHARACTERISTICS AND RECOMMENDED OPERATING CONDITIONS
(Ta
==== 0° to 70°C, VCC ==== 2.7 V to 3.6 V)
SYMBOL
PARAMETER
MIN
MAX
UNIT
NOTES
tCLS
CLE Setup Time
0
ns
tCLH
CLE Hold Time
10
ns
tCS
CE Setup Time
0
ns
tCH
CE Hold Time
10
ns
tWP
Write Pulse Width
25
ns
tALS
ALE Setup Time
0
ns
tALH
ALE Hold Time
10
ns
tDS
Data Setup Time
20
ns
tDH
Data Hold Time
10
ns
tWC
Write Cycle Time
50
ns
tWH
WE High Hold Time
15
ns
tWW
WP High to WE Low
100
ns
tRR
Ready to
RE Falling Edge
20
ns
tRP
Read Pulse Width
35
ns
tRC
Read Cycle Time
50
ns
tREA
RE Access Time (Serial Data Access)
35
ns
tCEH
CE High Time for Last Address in Serial Read Cycle
100
ns
(2)
tREAID
RE Access Time (ID Read)
35
ns
tOH
Data Output Hold Time
10
ns
tRHZ
RE High to Output High Impedance
30
ns
tCHZ
CE High to Output High Impedance
20
ns
tREH
RE High Hold Time
15
ns
tIR
Output-High-impedance-to-
RE Rising Edge
0
ns
tRSTO
RE Access Time (Status Read)
35
ns
tCSTO
CE Access Time (Status Read)
45
ns
tRHW
RE High to WE Low
0
ns
tWHC
WE High to CE Low
30
ns
tWHR
WE High to RE Low
30
ns
tAR1
ALE Low to
RE Low (ID Read)
100
ns
tCR
CE Low to
RE Low (ID Read)
100
ns
tR
Memory Cell Array to Starting Address
25
µs
tWB
WE High to Busy
200
ns
tAR2
ALE Low to
RE Low (Read Cycle)
50
ns
tRB
RE Last Clock Rising Edge to Busy (in Sequential Read)
200
ns
tCRY
CE High to Ready (When interrupted by CE in Read Mode)
1
+
tr (
BY
/
RY
)
µs
(1) (2)
tRST
Device Reset Time (Read/Program/Erase)
6/10/500
µs
AC TEST CONDITIONS
PARAMETER
CONDITION
Input level
2.4 V, 0.4 V
Input pulse rise and fall time
3 ns
Input comparison level
1.5 V, 1.5 V
Output data comparison level
1.5 V, 1.5 V
Output load
CL (100 pF) + 1 TTL


Similar Part No. - TC58128AFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC581282A TOSHIBA-TC581282A Datasheet
507Kb / 31P
   128-MBIT (16M X 8 BITS) CMOS NAND E2PROM
TC581282AXB TOSHIBA-TC581282AXB Datasheet
507Kb / 31P
   128-MBIT (16M X 8 BITS) CMOS NAND E2PROM
More results

Similar Description - TC58128AFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC581282AXB TOSHIBA-TC581282AXB Datasheet
507Kb / 31P
   128-MBIT (16M X 8 BITS) CMOS NAND E2PROM
TC58DVM72A1F TOSHIBA-TC58DVM72A1F Datasheet
369Kb / 34P
   128-MBIT (16M x 8 BITS/8M x 16BITS) CMOS NAND E2PROM
TH58V128DC TOSHIBA-TH58V128DC Datasheet
1Mb / 32P
   128 Mbit (16M x 8bit) CMOS NAND E2PROM (16M BYTE SmartMedia??
TC58256AFT TOSHIBA-TC58256AFT Datasheet
345Kb / 33P
   256-MBIT (32M X 8 BITS) CMOS NAND E2PROM
TC5832FT TOSHIBA-TC5832FT Datasheet
1Mb / 38P
   32 MBIT (4M X 8 BITS) CMOS NAND E2PROM
TC58FVM7T2AFT65 TOSHIBA-TC58FVM7T2AFT65 Datasheet
622Kb / 69P
   128-MBIT (16M × 8 BITS/8M × 16 BITS) CMOS FLASH MEMORY
2004-09-01
TC5816BDC TOSHIBA-TC5816BDC Datasheet
1Mb / 36P
   16 MBIT (2M x 8 BITS) CMOS NAND FLASH E2PROM
TC58FVM7B2 TOSHIBA-TC58FVM7B2 Datasheet
649Kb / 68P
   128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
TC58V64BDC TOSHIBA-TC58V64BDC Datasheet
345Kb / 33P
   64-MBIT (8M x 8 BITS) CMOS NAND E2PROM (8M BYTE SmartMediaTM)
TC58V32AFT TOSHIBA-TC58V32AFT Datasheet
1Mb / 34P
   32 Mbit CMOS NAND E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com