Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58PR256J Datasheet(PDF) 81 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 81 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 77Page - STMicroelectronics M58PR256J Datasheet HTML 78Page - STMicroelectronics M58PR256J Datasheet HTML 79Page - STMicroelectronics M58PR256J Datasheet HTML 80Page - STMicroelectronics M58PR256J Datasheet HTML 81Page - STMicroelectronics M58PR256J Datasheet HTML 82Page - STMicroelectronics M58PR256J Datasheet HTML 83Page - STMicroelectronics M58PR256J Datasheet HTML 84Page - STMicroelectronics M58PR256J Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 114 page
background image
M58PR256J, M58PR512J
DC and ac parameters
81/114
Table 31.
Write ac characteristics, Chip Enable controlled(1)
1.
Sampled only, not 100% tested.
Symbol
Alt
Parameter
108MHz
66MHz
Unit
tAVAV
tWC Address Valid to Next Address Valid
Min
96
96
ns
tAVEH
tWC Address Valid to Chip Enable High
Min
40
45
ns
tAVLH
Address Valid to Latch Enable High
Min
5
5
ns
tDVEH
tDS
Data Valid to Chip Enable High
Min
40
40
ns
tEHAX
tAH
Chip Enable High to Address Transition
Min
0
0
ns
tEHDX
tDH
Chip Enable High to Input Transition
Min
0
0
ns
tEHEL
tCPH Chip Enable High to Chip Enable Low
Min
20
20
ns
tEHGL
Chip Enable High to Output Enable Low
Min
0
0
ns
tEHWH
tCH
Chip Enable High to Write Enable High
Min
0
0
ns
tELKH
Chip Enable Low to Clock High
Min
5
5
ns
tELEH
tCP
Chip Enable Low to Chip Enable High
Min
40
45
ns
tELLH
Chip Enable Low to Latch Enable High
Min
9
10
ns
tELQV
Chip Enable Low to Output Valid
Min
96
96
ns
tGHEL
Output Enable High to Chip Enable Low
Min
14
17
ns
tLHAX
Latch Enable High to Address Transition
Min
5
5
ns
tLLLH
Latch Enable Pulse Width
Min
7
7
ns
tWHEL
(2)
2.
tWHEL has this value when reading in the targeted bank or when reading after a Set Configuration Register
command. System designers should take this into account and may insert a software No-Op instruction to
delay the first read in the same bank after issuing any command and to delay the first read to any address
after issuing a Set Configuration Register command. If the first read after the command is a Read Array
operation in a different bank and no changes to the Configuration Register have been issued, tWHEL is 0ns.
Write Enable High to Chip Enable Low
Min
20
20
ns
tWHQV
Write Enable High to Output Valid
Min
116
116
ns
tWLEL
tCS
Write Enable Low to Chip Enable Low
Min
0
0
ns
tEHVPL
Chip Enable High to VPP Low
Min
200
200
ns
tEHWPL
Chip Enable High to Write Protect Low
Min
200
200
ns
tQVVPL
Output (Status Register) Valid to VPP Low
Min
0
0
ns
tQVWPL
Output (Status Register) Valid to Write
Protect Low
Min
0
0
ns
tVPHEH
tVPS VPP High to Chip Enable High
Min
200
200
ns
tWPHEH
Write Protect High to Chip Enable High
Min
200
200
ns


Similar Part No. - M58PR256J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58PR256LE STMICROELECTRONICS-M58PR256LE Datasheet
939Kb / 119P
   256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
M58PR256LE96ZB5 STMICROELECTRONICS-M58PR256LE96ZB5 Datasheet
939Kb / 119P
   256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
More results

Similar Description - M58PR256J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58PR256LE STMICROELECTRONICS-M58PR256LE Datasheet
939Kb / 119P
   256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58LR128KT NUMONYX-M58LR128KT Datasheet
1Mb / 110P
   128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
M58LR128KC NUMONYX-M58LR128KC Datasheet
1Mb / 108P
   128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
M58PR512LE NUMONYX-M58PR512LE Datasheet
2Mb / 123P
   512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
M36P0R8070E0 NUMONYX-M36P0R8070E0 Datasheet
638Kb / 22P
   256 Mbit (x16, multiple bank, multilevel, burst) Flash memory 128 Mbit (burst) PSRAM, 1.8 V supply, multichip package
M58LT256JST NUMONYX-M58LT256JST Datasheet
1Mb / 108P
   256 Mbit (16 Mb 횞 16, multiple bank, multilevel, burst) 1.8 V supply, secure Flash memories
logo
STMicroelectronics
M58LT256JST STMICROELECTRONICS-M58LT256JST Datasheet
836Kb / 106P
   256 Mbit (16 Mb 횞 16, multiple bank, multilevel, burst) 1.8 V supply, secure Flash memories
logo
Numonyx B.V
M39P0R9080E4 NUMONYX-M39P0R9080E4 Datasheet
466Kb / 23P
   512 Mb or 1 Gb (x16, multiple bank, multilevel, burst) Flash memory 256 Mbit low power SDRAM, 1.8 V supply, multichip package
logo
STMicroelectronics
M58LR128HT STMICROELECTRONICS-M58LR128HT Datasheet
844Kb / 112P
   128 Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58WR016QT NUMONYX-M58WR016QT Datasheet
1Mb / 110P
   16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com