Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT29C010A Datasheet(PDF) 6 Page - ATMEL Corporation

Part No. AT29C010A
Description  1-Megabit (128K x 8) 5-volt Only Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C010A Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT29C010A Datasheet HTML 2Page - ATMEL Corporation AT29C010A Datasheet HTML 3Page - ATMEL Corporation AT29C010A Datasheet HTML 4Page - ATMEL Corporation AT29C010A Datasheet HTML 5Page - ATMEL Corporation AT29C010A Datasheet HTML 6Page - ATMEL Corporation AT29C010A Datasheet HTML 7Page - ATMEL Corporation AT29C010A Datasheet HTML 8Page - ATMEL Corporation AT29C010A Datasheet HTML 9Page - ATMEL Corporation AT29C010A Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
AT29C010A
0394E–FLASH–11/02
AC Read Waveforms
(1)(2)(3)(4)
Notes:
1. CE may be delayed up to t
ACC - tCE after the address transition without impact on tACC.
2. OE may be delayed up to tCE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change
without impact on t
ACC.
3. t
DF is specified from OE or CE whichever occurs first (CL = 5 pF).
4. This parameter is characterized and is not 100% tested.
AC Read Characteristics
Symbol
Parameter
AT29C010A-70
AT29C010A-90
AT29C010A-12
AT29C010A-15
Units
Min
Max
Min
Max
Min
Max
Min
Max
t
ACC
Address to Output Delay
70
90
120
150
ns
t
CE
(1)
CE to Output Delay
70
90
120
150
ns
tOE
(2)
OE to Output Delay
0
35
0
40
0
50
0
70
ns
t
DF
(3)(4)
CE or OE to Output Float
0
25
0
25
0
30
0
40
ns
t
OH
Output Hold from OE, CE or
Address, whichever occurred first
00
0
0
ns
Note:
Not recommended for New Designs.


Similar Part No. - AT29C010A

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A-12 ATMEL-AT29C010A-12 Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A-12JC ATMEL-AT29C010A-12JC Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A-12JI ATMEL-AT29C010A-12JI Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
More results

Similar Description - AT29C010A

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT49F001A ATMEL-AT49F001A Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
Hynix Semiconductor
Hynix Semiconductor
HY29F080 HYNIX-HY29F080 Datasheet
366Kb / 38P
   8 Megabit (1M x 8), 5 Volt-only, Flash Memory
ATMEL Corporation
ATMEL Corporation
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz