Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT29C010A Datasheet(PDF) 15 Page - ATMEL Corporation

Part No. AT29C010A
Description  1-Megabit (128K x 8) 5-volt Only Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C010A Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT29C010A Datasheet HTML 10Page - ATMEL Corporation AT29C010A Datasheet HTML 11Page - ATMEL Corporation AT29C010A Datasheet HTML 12Page - ATMEL Corporation AT29C010A Datasheet HTML 13Page - ATMEL Corporation AT29C010A Datasheet HTML 14Page - ATMEL Corporation AT29C010A Datasheet HTML 15Page - ATMEL Corporation AT29C010A Datasheet HTML 16Page - ATMEL Corporation AT29C010A Datasheet HTML 17Page - ATMEL Corporation AT29C010A Datasheet HTML 18Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15
AT29C010A
0394E–FLASH–11/02
Packaging Information
32J – PLCC
DRAWING NO.
REV.
2325 Orchard Parkway
San Jose, CA 95131
R
TITLE
32J, 32-lead, Plastic J-leaded Chip Carrier (PLCC)
B
32J
10/04/01
1.14(0.045) X 45˚
PIN NO. 1
IDENTIFIER
1.14(0.045) X 45˚
0.51(0.020)MAX
0.318(0.0125)
0.191(0.0075)
A2
45˚ MAX (3X)
A
A1
B1
E2
B
e
E1
E
D1
D
D2
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
Notes:
1. This package conforms to JEDEC reference MS-016, Variation AE.
2. Dimensions D1 and E1 do not include mold protrusion.
Allowable protrusion is .010"(0.254 mm) per side. Dimension D1
and E1 include mold mismatch and are measured at the extreme
material condition at the upper or lower parting line.
3. Lead coplanarity is 0.004" (0.102 mm) maximum.
A
3.175
3.556
A1
1.524
2.413
A2
0.381
D
12.319
12.573
D1
11.354
11.506
Note 2
D2
9.906
10.922
E
14.859
15.113
E1
13.894
14.046
Note 2
E2
12.471
13.487
B
0.660
0.813
B1
0.330
0.533
e
1.270 TYP


Similar Part No. - AT29C010A

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A-12 ATMEL-AT29C010A-12 Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A-12JC ATMEL-AT29C010A-12JC Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A-12JI ATMEL-AT29C010A-12JI Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
More results

Similar Description - AT29C010A

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT49F001A ATMEL-AT49F001A Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
Hynix Semiconductor
Hynix Semiconductor
HY29F080 HYNIX-HY29F080 Datasheet
366Kb / 38P
   8 Megabit (1M x 8), 5 Volt-only, Flash Memory
ATMEL Corporation
ATMEL Corporation
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz