Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT29C010A Datasheet(PDF) 1 Page - ATMEL Corporation

Part No. AT29C010A
Description  1-Megabit (128K x 8) 5-volt Only Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C010A Datasheet(HTML) 1 Page - ATMEL Corporation

  AT29C010A Datasheet HTML 1Page - ATMEL Corporation AT29C010A Datasheet HTML 2Page - ATMEL Corporation AT29C010A Datasheet HTML 3Page - ATMEL Corporation AT29C010A Datasheet HTML 4Page - ATMEL Corporation AT29C010A Datasheet HTML 5Page - ATMEL Corporation AT29C010A Datasheet HTML 6Page - ATMEL Corporation AT29C010A Datasheet HTML 7Page - ATMEL Corporation AT29C010A Datasheet HTML 8Page - ATMEL Corporation AT29C010A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Features
Fast Read Access Time – 70 ns
5-volt Only Reprogramming
Sector Program Operation
– Single Cycle Reprogram (Erase and Program)
– 1024 Sectors (128 Bytes/sector)
– Internal Address and Data Latches for 128 Bytes
Two 8K Bytes Boot Blocks with Lockout
Internal Program Control and Timer
Hardware and Software Data Protection
Fast Sector Program Cycle Time – 10 ms
DATA Polling for End of Program Detection
Low Power Dissipation
– 50 mA Active Current
– 100 µA CMOS Standby Current
Typical Endurance > 10,000 Cycles
Single 5V ± 10% Supply
CMOS and TTL Compatible Inputs and Outputs
Commercial and Industrial Temperature Ranges
Description
The AT29C010A is a 5-volt-only in-system Flash programmable and erasable read
only memory (PEROM). Its 1 megabit of memory is organized as 131,072 words by
8 bits. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device
offers access times to 70 ns with power dissipation of just 275 mW over the commer-
cial temperature range. When the device is deselected, the CMOS standby current is
1-Megabit
(128K x 8)
5-volt Only
Flash Memory
AT29C010A
Rev. 0394E–FLASH–11/02
Pin Configurations
Pin Name
Function
A0 - A16
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
NC
No Connect
TSOP Top View
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
A14
NC
WE
VCC
NC
A16
A15
A12
A7
A6
A5
A4
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2
A3
PLCC Top View
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
A14
A13
A8
A9
A11
OE
A10
CE
I/O7
DIP Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
NC
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
VCC
WE
NC
A14
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3


Similar Part No. - AT29C010A

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A-12 ATMEL-AT29C010A-12 Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A-12JC ATMEL-AT29C010A-12JC Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A-12JI ATMEL-AT29C010A-12JI Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
More results

Similar Description - AT29C010A

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT49F001A ATMEL-AT49F001A Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
Hynix Semiconductor
Hynix Semiconductor
HY29F080 HYNIX-HY29F080 Datasheet
366Kb / 38P
   8 Megabit (1M x 8), 5 Volt-only, Flash Memory
ATMEL Corporation
ATMEL Corporation
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz