Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET4201PARGTT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ONET4201PARGTT
Description  155 Mbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET4201PARGTT Datasheet(HTML) 9 Page - Texas Instruments

Back Button ONET4201PARGTT Datasheet HTML 5Page - Texas Instruments ONET4201PARGTT Datasheet HTML 6Page - Texas Instruments ONET4201PARGTT Datasheet HTML 7Page - Texas Instruments ONET4201PARGTT Datasheet HTML 8Page - Texas Instruments ONET4201PARGTT Datasheet HTML 9Page - Texas Instruments ONET4201PARGTT Datasheet HTML 10Page - Texas Instruments ONET4201PARGTT Datasheet HTML 11Page - Texas Instruments ONET4201PARGTT Datasheet HTML 12Page - Texas Instruments ONET4201PARGTT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.ti.com
Rth − Threshold Resistance − kΩ
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
6
7
LOS Deassert Voltage
LOS Assert Voltage
G012
−60
−55
−50
−45
−40
−35
−30
−25
−20
−15
−10
−5
0
f − Frequency − MHz
G013
10
10k
100
1k
−60
−55
−50
−45
−40
−35
−30
−25
−20
−15
−10
−5
0
f − Frequency − MHz
G014
10
10k
100
1k
VID − Differential Input Voltage − mVP-P
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
0
10
20
30
40
50
60
70
80
90
100
G015
ONET4201PA
SLLS652 – NOVEMBER 2005
TYPICAL CHARACTERISTICS (continued)
Typical operating condition is at V
CC = 3.3 V and TA = 25°C (unless otherwise noted).
ASSERT/DEASSERT VOLTAGE
DIFFERENTIAL INPUT RETURN GAIN
vs THRESHOLD RESISTANCE
vs FREQUENCY
Figure 14.
Figure 15.
DIFFERENTIAL OUTPUT RETURN GAIN
RSSI VOLTAGE
vs FREQUENCY
vs INPUT AMPLITUDE
Figure 16.
Figure 17.
9


Similar Part No. - ONET4201PARGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGER TI-ONET4201LDRGER Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGERG4 TI-ONET4201LDRGERG4 Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGET TI-ONET4201LDRGET Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGETG4 TI-ONET4201LDRGETG4 Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
More results

Similar Description - ONET4201PARGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4251PA TI-ONET4251PA Datasheet
859Kb / 16P
[Old version datasheet]   1 Gbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
[Old version datasheet]   155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
ONET2511PA TI-ONET2511PA Datasheet
624Kb / 14P
[Old version datasheet]   155-mbps to 2.5-gbps Limiting amplifier
ONET2501PA TI-ONET2501PA Datasheet
187Kb / 8P
[Old version datasheet]   155-Mbps TO 2.5-Gbps LIMITING AMPLIFIER
ONET4291TA TI1-ONET4291TA_12 Datasheet
963Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com