Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET4201PA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ONET4201PA
Description  155 Mbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET4201PA Datasheet(HTML) 2 Page - Texas Instruments

  ONET4201PA Datasheet HTML 1Page - Texas Instruments ONET4201PA Datasheet HTML 2Page - Texas Instruments ONET4201PA Datasheet HTML 3Page - Texas Instruments ONET4201PA Datasheet HTML 4Page - Texas Instruments ONET4201PA Datasheet HTML 5Page - Texas Instruments ONET4201PA Datasheet HTML 6Page - Texas Instruments ONET4201PA Datasheet HTML 7Page - Texas Instruments ONET4201PA Datasheet HTML 8Page - Texas Instruments ONET4201PA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
BLOCK DIAGRAM
Input Buffer
DOUT+
DOUT−
DIN+
DIN−
+
Gain Stage
+
+
+
COC2
COC1
DISABLE
LOS
TH
VCC
GND
OUTPOL
Bandgap Voltage
Reference and
Bias Current
Generation
Gain Stage
Gain Stage
Loss of Signal
and
RSSI Detection
Offset
Cancellation
RSSI
CML
Output
Buffer
+
B0052-01
HIGH SPEED DATA PATH
LOSS OF SIGNAL AND RSSI DETECTION
ONET4201PA
SLLS652 – NOVEMBER 2005
A simplified block diagram of the ONET4201PA is shown in Figure 1.
This compact, low power 4.25 Gbps limiting amplifier consists of a high-speed data path with offset cancellation
block, a loss of signal and RSSI detection block, and a bandgap voltage reference and bias current generation
block.
Figure 1. Simplified Block Diagram of the ONET4201PA
The high-speed data signal is applied to the data path by means of the input signal pins DIN+/DIN–. The data
path consists of the input stage with 2
× 50-Ω on-chip line termination to VCC, three gain stages, which provide
the required typical gain of about 50 dB, and a CML output stage. The amplified data output signal is available at
the output pins DOUT+/DOUT–, which provide 2
× 50-Ω back-termination to VCC. The output stage also includes
a data polarity switching function, which is controlled by the OUTPOL input, and a disable function, controlled by
the signal applied to the DISABLE input pin.
Offset cancellation compensates for internal offset voltages and thus ensures proper operation even for very
small input data signals.
The low frequency cutoff is typically as low as 25 kHz with the built-in filter capacitor.
For applications which require even lower cutoff frequencies, an additional external filter capacitor may be
connected to the COC1/COC2 pins.
The output signal of the input buffer is monitored by the loss of signal and RSSI detection circuitry. In this block a
signal is generated that is linearly proportional to the input amplitude over a wide input voltage range. This signal
is available at the RSSI output pin.
Furthermore, this circuit block compares the input signal to a threshold which can be programmed by means of
an external resistor connected to the TH pin. If the input signal falls below the specified threshold, a loss of signal
is indicated at the LOS pin.
The relation between the LOS assert voltage VAST (in mVp-p) and the external resistor RTH (in kΩ) connected to
the TH pin can be approximated as given below:
2


Similar Part No. - ONET4201PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGER TI-ONET4201LDRGER Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGERG4 TI-ONET4201LDRGERG4 Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGET TI-ONET4201LDRGET Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGETG4 TI-ONET4201LDRGETG4 Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
More results

Similar Description - ONET4201PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4251PA TI-ONET4251PA Datasheet
859Kb / 16P
[Old version datasheet]   1 Gbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
[Old version datasheet]   155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
ONET2511PA TI-ONET2511PA Datasheet
624Kb / 14P
[Old version datasheet]   155-mbps to 2.5-gbps Limiting amplifier
ONET2501PA TI-ONET2501PA Datasheet
187Kb / 8P
[Old version datasheet]   155-Mbps TO 2.5-Gbps LIMITING AMPLIFIER
ONET4291TA TI1-ONET4291TA_12 Datasheet
963Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com