Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430X47X3 Datasheet(PDF) 4 Page - Texas Instruments

Part No. MSP430X47X3
Description  MIXED SIGNAL MICROCONTROLLER
Download  46 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

MSP430X47X3 Datasheet(HTML) 4 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
MSP430x47x3, MSP430x47x4
MIXED SIGNAL MICROCONTROLLER
SLAS545 − MAY 2007
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MSP430x47x3 functional block diagrams
Oscillators
FLL+
RAM
2.5kB
2.0kB
Brownout
Protection
SVS/SVM
RST/NMI
DVCC1/2
DVSS1/2
MCLK
Watchdog
WDT+
15/16−Bit
Timer_A3
3CC
Registers
16MHz
CPU
incl. 16
Registers
Emulation
(2 BP)
Basic Timer
JTAG
Interface
LCD_A
160
Segments
1,2,3,4 Mux
Ports P1/P2
2x8 I/O
Interrupt
capability &
pull−up/down
Resistors
USCI_A0
(UART/LIN,
IrDA, SPI)
USCI_B0
(SPI, I2C)
Comparator
_A
Flash_A
60kB
48kB
Hardware
Multiplier
(32x32)
MPY,
MPYS,
MAC,
MACS
Timer_B3
3CC
Registers,
Shadow
Reg
USCI_A1
(UART/LIN,
IrDA, SPI)
USCI_B1
(SPI, I2C)
AVCC
AVSS
P1.x/P2.x
2x8
SMCLK
ACLK
MDB
MAB
SD16_A
(w/o BUF)
3
Sigma−
Delta A/D
Converter
Ports
P3/P4
P5
3x8 I/O with
pull−up/down
Resistors
Ports
P7/P8
P9/P10
4x8/2x16 I/O
pull−up/down
Resistors
P3.x/P4.x
P5.x
3x8
P7.x/P8.x
P9.x/P10.x
4x8/2x16
XOUT
XT2OUT
XIN
XT2IN
2
2
MSP430x47x4 functional block diagrams
Oscillators
FLL+
RAM
2.5kB
2.0kB
Brownout
Protection
SVS/SVM
RST/NMI
DVCC1/2
DVSS1/2
MCLK
Watchdog
WDT+
15/16−Bit
Timer_A3
3CC
Registers
16MHz
CPU
incl. 16
Registers
Emulation
(2 BP)
Basic Timer
JTAG
Interface
LCD_A
160
Segments
1,2,3,4 Mux
Ports P1/P2
2x8 I/O
Interrupt
capability &
pull−up/down
Resistors
USCI_A0
(UART/LIN,
IrDA, SPI)
USCI_B0
(SPI, I2C)
Comparator
_A
Flash_A
60kB
48kB
Hardware
Multiplier
(32x32)
MPY,
MPYS,
MAC,
MACS
Timer_B3
3CC
Registers,
Shadow
Reg
USCI_A1
(UART/LIN,
IrDA, SPI)
USCI_B1
(SPI, I2C)
AVCC
AVSS
P1.x/P2.x
2x8
SMCLK
ACLK
MDB
MAB
SD16_A
(w/o BUF)
4
Sigma−
Delta A/D
Converter
Ports
P3/P4
P5
3x8 I/O with
pull−up/down
Resistors
Ports
P7/P8
P9/P10
4x8/2x16 I/O
pull−up/down
Resistors
P3.x/P4.x
P5.x
3x8
P7.x/P8.x
P9.x/P10.x
4x8/2x16
XOUT
XT2OUT
XIN
XT2IN
2
2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSP430F2101MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X22X2MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X43X1MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X461XMIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X22X2_1MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430F23X0MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X15XMIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430XG461XMIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X21X1MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
C8051F300Mixed Signal ISP Flash MCU Family 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn