Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKN130/04 Datasheet(PDF) 2 Page - Semikron International

Part No. SKN130/04
Description  Rectifier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMIKRON [Semikron International]
Homepage  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKN130/04 Datasheet(HTML) 2 Page - Semikron International

  SKN130/04 Datasheet HTML 1Page - Semikron International SKN130/04 Datasheet HTML 2Page - Semikron International SKN130/04 Datasheet HTML 3Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fig. 1L Power dissipation vs. forward current
Fig. 1R Power dissipation vs. ambient temperature
Fig. 2 Forward current vs. case temperature
Fig. 4 Transient thermal impedance vs. time
Fig. 5 Forward characteristics
Fig. 6 Surge overload current vs. time
RECTIFIER,DIODE,THYRISTOR,MODULE
2
17-07-2007 CLG
© by SEMIKRON


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
85EPSINPUT RECTIFIER DIODE 1 2 3 4 5 MoreInternational Rectifier
BYC10-600CTRectifier diode ultrafast low switching loss 1 2 3 4 5 MoreNXP Semiconductors
10ETF06PBFFAST SOFT RECOVERY RECTIFIER DIODE Lead-Free 1 2 3 4 5 MoreInternational Rectifier
20ETF06SPBFSURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 5 MoreInternational Rectifier
APT15D60B_05ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Advanced Power Technology
APT30D20BCT_05ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Advanced Power Technology
APT60D30B_05ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Advanced Power Technology
10ETF06SPBFFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 5 MoreInternational Rectifier
5SDD08D5000Rectifier Diode 1 2 3 4 5 ABB
SBM0204RSchottky Barrier Diode 40V 0.2A Rectifier 1 2 3 4 Sanyo Semicon Device

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn