Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4906 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4906
Description  High-/Full-Speed USB 2.0 Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4906 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4906 Datasheet HTML 6Page - Maxim Integrated Products MAX4906 Datasheet HTML 7Page - Maxim Integrated Products MAX4906 Datasheet HTML 8Page - Maxim Integrated Products MAX4906 Datasheet HTML 9Page - Maxim Integrated Products MAX4906 Datasheet HTML 10Page - Maxim Integrated Products MAX4906 Datasheet HTML 11Page - Maxim Integrated Products MAX4906 Datasheet HTML 12Page - Maxim Integrated Products MAX4906 Datasheet HTML 13Page - Maxim Integrated Products MAX4906 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
High-/Full-Speed USB 2.0 Switches
10
______________________________________________________________________________________
2.5V
VPF
tPF
tFPR
5V
3V
0V
3V
1.5V
2.5V
0V
VCOM_
VNC_
VNO_
Figure 5. MAX4906F/MAX4907F Fault-Protection Response/Recovery Time
Test Circuits/Timing Diagrams (continued)
VGEN
GND
COM_
CL
VOUT
V+
VOUT
IN
OFF
ON
OFF
ΔVOUT
Q = (
ΔVOUT)(CL)
NC_
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
OFF
ON
OFF
IN
VIL TO VIH
V+
RGEN
IN
MAX4906/MAX4906F
MAX4907/MAX4907F
OR NO_
Figure 6. Charge Injection
Detailed Description
The MAX4906/MAX4906F/MAX4907/MAX4907F analog
switches are targeted for USB 2.0 high-speed
(480Mbps) switching applications. These devices still
meet USB low- and full-speed requirements and are
suitable for 10/100 Ethernet switching. The MAX4906/
MAX4906F feature two SPDT switches, while the
MAX4907/MAX4907F feature two SPST switches. The
MAX4907/MAX4907F switch configurations have a low
7
Ω (max) on-resistance and 7pF (max) on-capacitance.
The MAX4906/MAX4906F/MAX4907/MAX4907F are fully
specified to operate from a single +3.0V to +3.6V supply
and are available with +5.5V fault protection (MAX4906F/
MAX4907F). When operating from a +3.0V to +3.6V sup-
ply, the low threshold of these devices permits them to
be used with logic levels as low as 1.4V.The
MAX4906/MAX4906F/MAX4907/MAX4907F are based
on a charge-pump-assisted n-channel architecture and
thus operate at 300µA (max) quiescent current. These
devices all feature a shutdown input to reduce the quies-
cent current to less than 2µA (max).


Similar Part No. - MAX4906

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4906EF MAXIM-MAX4906EF Datasheet
219Kb / 15P
   High-/Full-Speed USB 2.0 Switches with High ESD
Rev 1; 11/07
MAX4906EF MAXIM-MAX4906EF Datasheet
203Kb / 13P
   High-/Full-Speed USB 2.0 Switches with High ESD
19-0613; Rev 2; 3/09
MAX4906EFELB MAXIM-MAX4906EFELB Datasheet
219Kb / 15P
   High-/Full-Speed USB 2.0 Switches with High ESD
Rev 1; 11/07
MAX4906EFELB+T MAXIM-MAX4906EFELB+T Datasheet
203Kb / 13P
   High-/Full-Speed USB 2.0 Switches with High ESD
19-0613; Rev 2; 3/09
MAX4906EF MAXIM-MAX4906EF_V01 Datasheet
203Kb / 13P
   High-/Full-Speed USB 2.0 Switches with High ESD
19-0613; Rev 2; 3/09
More results

Similar Description - MAX4906

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4906EF MAXIM-MAX4906EF_V01 Datasheet
203Kb / 13P
   High-/Full-Speed USB 2.0 Switches with High ESD
19-0613; Rev 2; 3/09
MAX4906EF MAXIM-MAX4906EF Datasheet
219Kb / 15P
   High-/Full-Speed USB 2.0 Switches with High ESD
Rev 1; 11/07
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
   High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
Intersil Corporation
ISL54200 INTERSIL-ISL54200 Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Renesas Technology Corp
ISL54200 RENESAS-ISL54200 Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Intersil Corporation
ISL54200 INTERSIL-ISL54200_07 Datasheet
1Mb / 16P
   USB 2.0 High/Full Speed Multiplexer
logo
ON Semiconductor
NL3HS2222 ONSEMI-NL3HS2222 Datasheet
450Kb / 10P
   High-Speed USB 2.0 DPDT Switches
October, 2015 ??Rev. P0
NL3S2223 ONSEMI-NL3S2223_18 Datasheet
371Kb / 10P
   High-Speed USB 2.0 DPDT Switches
April, 2018 ??Rev. 1
logo
C-Media Electronics
CM6533-N CMEDIA-CM6533-N Datasheet
1Mb / 60P
   USB 2.0 Full-Speed compliant
CM6535 CMEDIA-CM6535 Datasheet
1Mb / 57P
   USB 2.0 full-speed compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com