Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKN100/16 Datasheet(PDF) 2 Page - Semikron International

Part # SKN100/16
Description  Rectifier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKN100/16 Datasheet(HTML) 2 Page - Semikron International

  SKN100/16 Datasheet HTML 1Page - Semikron International SKN100/16 Datasheet HTML 2Page - Semikron International SKN100/16 Datasheet HTML 3Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fig. 1L Power dissipation vs. forward current
Fig. 1R Power dissipation vs. ambient temperature
Fig. 2 Forward current vs. case temperature
Fig. 4 Transient thermal impedance vs. time
Fig. 5 Forward characteristics
Fig. 6 Surge overload current vs. time
RECTIFIER,DIODE,THYRISTOR,MODULE
2
05-04-2004 SCT
© by SEMIKRON


Similar Part No. - SKN100/16

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKN100 SEMIKRON-SKN100 Datasheet
346Kb / 3P
   Rectifier Diode
logo
Naina Semiconductor ltd...
SKN100 NAINA-SKN100 Datasheet
137Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type), 125A
logo
Semikron International
SKN100 SEMIKRON-SKN100_10 Datasheet
346Kb / 3P
   Rectifier Diode
More results

Similar Description - SKN100/16

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com