Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5615IDGKR Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC5615IDGKR
Description  10-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5615IDGKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC5615IDGKR Datasheet HTML 5Page - Texas Instruments TLC5615IDGKR Datasheet HTML 6Page - Texas Instruments TLC5615IDGKR Datasheet HTML 7Page - Texas Instruments TLC5615IDGKR Datasheet HTML 8Page - Texas Instruments TLC5615IDGKR Datasheet HTML 9Page - Texas Instruments TLC5615IDGKR Datasheet HTML 10Page - Texas Instruments TLC5615IDGKR Datasheet HTML 11Page - Texas Instruments TLC5615IDGKR Datasheet HTML 12Page - Texas Instruments TLC5615IDGKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.ti.com
BUFFER AMPLIFIER
EXTERNAL REFERENCE
LOGIC INTERFACE
SERIAL CLOCK AND UPDATE RATE
f
(SCLK)max +
1
t
w CH )
t
w CL
tp(CS) + 16
t
w CH )
t
w CL
) tw CS
SERIAL INTERFACE
10 Data Bits
x
x
12 Bits
MSB
LSB
2 Extra (Sub-LSB) Bits
x = don’t care
10 Data Bits
x
x
16 Bits
MSB
LSB
2 Extra (Sub-LSB) Bits
4 Upper Dummy Bits
x = don’t care
TLC5615C, TLC5615I
SLAS142E – OCTOBER 1996 – REVISED JUNE 2007
The output buffer has a rail-to-rail output with short circuit protection and can drive a 2k
Ω load with a 100pF load
capacitance. Settling time is 12.5
µs typical to within 0.5LSB of final value.
The reference voltage input is buffered, which makes the DAC input resistance not code dependent. Therefore,
the REFIN input resistance is 10M
Ω and the REFIN input capacitance is typically 5pF independent of input
code. The reference voltage determines the DAC full-scale output.
The logic inputs function with either TTL or CMOS logic levels. However, using rail-to-rail CMOS logic achieves
the lowest power dissipation. The power requirement increases by approximately 2 times when using TTL logic
levels.
Figure 1 shows the TLC5615 timing. The maximum serial clock rate is:
or approximately 14MHz. The digital update rate is limited by the chip-select period, which is:
and is equal to 820ns which is a 1.21MHz update rate. However, the DAC settling time to 10 bits of 12.5
µs limits
the update rate to 80kHz for full-scale input step transitions.
When chip select (CS) is low, the input data is read into a 16-bit shift register with the input data clocked in most
significant bit first. The rising edge of the SLCK input shifts the data into the input register.
The rising edge of CS then transfers the data to the DAC register. When CS is high, input data cannot be
clocked into the input register. All CS transitions should occur when the SCLK input is low.
If the daisy chain (cascading) function (see daisy-chaining devices section) is not used, a 12-bit input data
sequence with the MSB first can be used as shown in Figure 10:
Figure 10. 12-Bit Input Data Sequence
or 16 bits of data can be transferred as shown in Figure 11 with the 4 upper dummy bits first.
Figure 11. 16-Bit Input Data Sequence
9
Submit Documentation Feedback


Similar Part No. - TLC5615IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5615IDGK TI-TLC5615IDGK Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC5615IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Microchip Technology
MCP300X MICROCHIP-MCP300X Datasheet
450Kb / 2P
   MCP300X 10-Bit Analog-to-Digital Converters
2001
logo
Texas Instruments
TLC5617 TI1-TLC5617_05 Datasheet
313Kb / 21P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5617 TI-TLC5617 Datasheet
283Kb / 20P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com