Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS047 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS047
Description  LVDS QUAD DIFFERENTIAL LINE DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS047 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65LVDS047 Datasheet HTML 4Page - Texas Instruments SN65LVDS047 Datasheet HTML 5Page - Texas Instruments SN65LVDS047 Datasheet HTML 6Page - Texas Instruments SN65LVDS047 Datasheet HTML 7Page - Texas Instruments SN65LVDS047 Datasheet HTML 8Page - Texas Instruments SN65LVDS047 Datasheet HTML 9Page - Texas Instruments SN65LVDS047 Datasheet HTML 10Page - Texas Instruments SN65LVDS047 Datasheet HTML 11Page - Texas Instruments SN65LVDS047 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.ti.com
0
10
20
30
40
50
60
0.01
0.1
1
10
100
1000
f − Frequency − MHz
TA = 25°C
Load = 100
VI = 0 V to 3 V
CL = 15 pF,
VCC = 3.3 V
All Switching
1.10
1.12
1.14
1.16
1.18
1.20
3
3.3
3.6
VCC − Power Supply Voltage − V
TA = 25°C
Load = 100
SN65LVDS047
SLLS416B – JUNE 2000 – REVISED DECEMBER 2003
TYPICAL CHARACTERISTICS (continued)
COMMON-MODE OUTPUT VOLTAGE
POWER SUPPLY CURRENT
vs
vs
POWER SUPPLY VOLTAGE
FREQUENCY
Figure 10.
Figure 11.
8
Submit Documentation Feedback


Similar Part No. - SN65LVDS047

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047 Datasheet
223Kb / 12P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047 Datasheet
465Kb / 16P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047D TI-SN65LVDS047D Datasheet
223Kb / 12P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047D TI-SN65LVDS047D Datasheet
465Kb / 16P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN65LVDS047

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com