Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV132ANSRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LV132ANSRG4
Description  QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV132ANSRG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LV132ANSRG4 Datasheet HTML 1Page - Texas Instruments SN74LV132ANSRG4 Datasheet HTML 2Page - Texas Instruments SN74LV132ANSRG4 Datasheet HTML 3Page - Texas Instruments SN74LV132ANSRG4 Datasheet HTML 4Page - Texas Instruments SN74LV132ANSRG4 Datasheet HTML 5Page - Texas Instruments SN74LV132ANSRG4 Datasheet HTML 6Page - Texas Instruments SN74LV132ANSRG4 Datasheet HTML 7Page - Texas Instruments SN74LV132ANSRG4 Datasheet HTML 8Page - Texas Instruments SN74LV132ANSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SN54LV132A, SN74LV132A
QUADRUPLE POSITIVENAND GATES
WITH SCHMITT TRIGGER INPUTS
SCLS394H − APRIL 1998 − REVISED APRIL 2005
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
H
L
L
XH
X
L
H
logic diagram (positive logic)
A
B
Y
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high-impedance
or power-off state, VO (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Notes 1 and 2)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
−20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DB package
96
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DGV package
127
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
76
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
113
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
2. This value is limited to 5.5 V maximum.
3. The package thermal impedance is calculated in accordance with JESD 51-7.


Similar Part No. - SN74LV132ANSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV132ANSR TI-SN74LV132ANSR Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN74LV132ANSR TI-SN74LV132ANSR Datasheet
317Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN74LV132ANSR TI-SN74LV132ANSR Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN74LV132ANSR TI-SN74LV132ANSR Datasheet
504Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN74LV132ANSR TI1-SN74LV132ANSR Datasheet
1,005Kb / 24P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
More results

Similar Description - SN74LV132ANSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC132 TI-SN54AHC132_07 Datasheet
184Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI1-SN54LV132A_15 Datasheet
1,005Kb / 24P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
SN54LV132A TI-SN54LV132A_08 Datasheet
504Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_08 Datasheet
304Kb / 10P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHCT132 TI-SN54AHCT132 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132 TI-SN54HC132 Datasheet
513Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132 Datasheet
130Kb / 8P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132-DIE TI1-SN54HC132-DIE Datasheet
96Kb / 6P
[Old version datasheet]   Quadruple Positive-NAND Gates with Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com