Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH2426 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LH2426
Description  Triple 80 MHz CRT Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LH2426 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LH2426 Datasheet HTML 1Page - National Semiconductor (TI) LH2426 Datasheet HTML 2Page - National Semiconductor (TI) LH2426 Datasheet HTML 3Page - National Semiconductor (TI) LH2426 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Physical Dimensions inches (millimeters)
Note 1
Substrate 96% alumina
Note 2
Lid seal epoxy
Note 3
Leads phos bronze alloy or equiv with 95 Sn5 Ag solder DIP
Note 4
Four radius bumps on corners of lid are optional Not shown on drawing
Order Number LH2426S
NS Package Number HY12B
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF NATIONAL
SEMICONDUCTOR CORPORATION As used herein
1 Life support devices or systems are devices or
2 A critical component is any component of a life
systems which (a) are intended for surgical implant
support device or system whose failure to perform can
into the body or (b) support or sustain life and whose
be reasonably expected to cause the failure of the life
failure to perform when properly used in accordance
support device or system or to affect its safety or
with instructions for use provided in the labeling can
effectiveness
be reasonably expected to result in a significant injury
to the user
National Semiconductor
National Semiconductor
National Semiconductor
National Semiconductor
Corporation
Europe
Hong Kong Ltd
Japan Ltd
1111 West Bardin Road
Fax (a49) 0-180-530 85 86
13th Floor Straight Block
Tel 81-043-299-2309
Arlington TX 76017
Email cnjwge tevm2nsccom
Ocean Centre 5 Canton Rd
Fax 81-043-299-2408
Tel 1(800) 272-9959
Deutsch Tel (a49) 0-180-530 85 85
Tsimshatsui Kowloon
Fax 1(800) 737-7018
English
Tel (a49) 0-180-532 78 32
Hong Kong
Fran ais Tel (a49) 0-180-532 93 58
Tel (852) 2737-1600
Italiano
Tel (a49) 0-180-534 16 80
Fax (852) 2736-9960
National does not assume any responsibility for use of any circuitry described no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications


Similar Part No. - LH2426

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH2422 NSC-LH2422 Datasheet
197Kb / 7P
   CRT VIDEO DRIVER AMPLIFIER
LH2422J NSC-LH2422J Datasheet
197Kb / 7P
   CRT VIDEO DRIVER AMPLIFIER
More results

Similar Description - LH2426

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2427 NSC-LM2427 Datasheet
117Kb / 6P
   Triple 80 MHz CRT Driver
LM2418 NSC-LM2418 Datasheet
119Kb / 6P
   Triple 30 MHz CRT Driver
LM2416 NSC-LM2416 Datasheet
214Kb / 4P
   Triple 50 MHz CRT Driver
LM2419 NSC-LM2419 Datasheet
161Kb / 8P
   Triple 65 MHz CRT Driver
logo
Calogic, LLC
CVA1405T CALOGIC-CVA1405T Datasheet
66Kb / 4P
   Triple CRT Driver
CVA2407T CALOGIC-CVA2407T Datasheet
35Kb / 3P
   Triple CRT Driver
CVA2408T CALOGIC-CVA2408T Datasheet
38Kb / 3P
   Triple CRT Driver
CVA1404T CALOGIC-CVA1404T Datasheet
68Kb / 4P
   Triple CRT Driver
CVA2404T CALOGIC-CVA2404T Datasheet
48Kb / 3P
   Triple CRT Driver
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
[Old version datasheet]   Monolithic Triple Channel 30 MHz CRT DTV Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com