Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC2252IP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2252IP
Description  Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2252IP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC2252IP Datasheet HTML 6Page - Texas Instruments TLC2252IP Datasheet HTML 7Page - Texas Instruments TLC2252IP Datasheet HTML 8Page - Texas Instruments TLC2252IP Datasheet HTML 9Page - Texas Instruments TLC2252IP Datasheet HTML 10Page - Texas Instruments TLC2252IP Datasheet HTML 11Page - Texas Instruments TLC2252IP Datasheet HTML 12Page - Texas Instruments TLC2252IP Datasheet HTML 13Page - Texas Instruments TLC2252IP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
TLC225x, TLC225xA
Advanced LinCMOS
 RAIL-TO-RAIL
VERY LOW-POWER OPERATIONAL AMPLIFIERS
SLOS176D – FEBRUARY 1997 – REVISED MARCH 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
T †
TLC2254C
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
200
1500
µV
VIO
Input offset voltage
Full range
1750
µV
αVIO
Temperature coefficient of input offset voltage
25
°C
to 70
°C
0.5
µV/°C
Input offset voltage long-term drift (see Note 4)
VIC = 0,
VO =0
VDD
± = ±2.5 V,
RS =50 Ω
25
°C
0.003
µV/mo
IIO
Input offset current
VO = 0,
RS = 50 Ω
25
°C
0.5
60
pA
IIO
Input offset current
Full range
100
pA
IIB
Input bias current
25
°C
1
60
pA
IIB
Input bias current
Full range
100
pA
VICR
Common mode input voltage range
RS =50 Ω
|VIO |≤ 5mV
25
°C
0
to
4
– 0.3
to
4.2
V
VICR
Common-mode input voltage range
RS = 50 Ω,
|VIO | ≤ 5 mV
Full range
0
to
3.5
V
IOH = – 20 µA
25
°C
4.98
VOH
High level output voltage
IOH = 75 µA
25
°C
4.9
4.94
V
VOH
High-level output voltage
IOH = – 75 µA
Full range
4.8
V
IOH = – 150 µA
25
°C
4.8
4.88
VIC = 2.5 V,
IOL = 50 µA
25
°C
0.01
VIC =2 5V
IOL = 500 µA
25
°C
0.09
0.15
VIC = 2.5 V,
IOL = 500 µA
Full range
0.15
VOL
Low-level output voltage
VIC =2 5V
IOL =1 mA
25
°C
0.2
0.3
V
VIC = 2.5 V,
IOL = 1 mA
Full range
0.3
VIC =2 5V
IOL =4 mA
25
°C
0.7
1
VIC = 2.5 V,
IOL = 4 mA
Full range
1.2
V2 5 V
R
100 k
Ω‡
25
°C
100
350
AVD
Large-signal differential voltage amplification
VIC = 2.5 V,
VO =1Vto4V
RL = 100 kه
Full range
10
V/mV
VD
gg
g
VO = 1 V to 4 V
RL = 1 Mه
25
°C
1700
ri(d)
Differential input resistance
25
°C
1012
ri(c)
Common-mode input resistance
25
°C
1012
ci(c)
Common-mode input capacitance
f = 10 kHz,
N package
25
°C
8
pF
zo
Closed-loop output impedance
f = 25 kHz,
AV = 10
25
°C
200
CMRR
Common mode rejection ratio
VIC = 0 to 2.7 V, VO = 2.5 V,
25
°C
70
83
dB
CMRR
Common-mode rejection ratio
IC
,
O
,
RS = 50 Ω
Full range
70
dB
kSVR
Supply voltage rejection ratio (
∆VDD/∆VIO)
VDD = 4.4 V to 16 V,
25
°C
80
95
dB
kSVR
Supply-voltage rejection ratio (
∆VDD/∆VIO)
DD
,
VIC = VDD /2,
No load
Full range
80
dB
IDD
Supply current (four amplifiers)
VO =2 5V
No load
25
°C
140
250
µA
IDD
Supply current (four amplifiers)
VO = 2.5 V,
No load
Full range
300
µA
† Full range is 0
°C to 70°C.
‡ Referenced to 2.5 V
NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.


Similar Part No. - TLC2252IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2252IP TI-TLC2252IP Datasheet
926Kb / 57P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2252IP TI-TLC2252IP Datasheet
1Mb / 71P
[Old version datasheet]   Advanced LinCMOS TM RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2252IP TI-TLC2252IP Datasheet
1Mb / 74P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2252IP TI1-TLC2252IP Datasheet
2Mb / 72P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2252IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC225X-EP TI1-TLC225X-EP_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2252-EP TI1-TLC2252-EP Datasheet
999Kb / 38P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV225X-Q1 TI1-TLV225X-Q1 Datasheet
735Kb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV255X TI-TLV255X Datasheet
1Mb / 53P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV2252-Q1 TI1-TLV2252-Q1 Datasheet
695Kb / 36P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_08 Datasheet
1Mb / 74P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X-Q1 TI-TLC225X-Q1 Datasheet
706Kb / 35P
[Old version datasheet]   advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI1-TLC225X_16 Datasheet
2Mb / 72P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_01 Datasheet
1Mb / 71P
[Old version datasheet]   Advanced LinCMOS TM RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X-Q1 TI1-TLC225X-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com