Electronic Components Datasheet Search |
|
S1D15E06D01E000 Datasheet(PDF) 4 Page - Epson Company |
|
S1D15E06D01E000 Datasheet(HTML) 4 Page - Epson Company |
4 / 74 page S1D15E06 Series Rev. 2.1 EPSON 1 2. FEATURES • Direct RAM data display by display data RAM • 4 gray-scale display (Normally white in normal display mode) RAM bit data (high order and low order) (1,1) : gray-scale 3, black (1,0) : gray-scale 2 (0,1) : gray-scale 1 (0,0) : gray-scale 0, white • Binary display (Normally white display is in normal mode) RAM bit data “1” : On and black “0” : Off and white • RAM capacity 132 × 160 × 2 = 42,240 bits • Liquid crystal drive circuit 132 common outputs and 160 segment outputs • High-speed 8-bit MPU interface (directly connectable to the MPUs of both 80/68 series) /serial interface possible • A variety of command functions Area scroll display, partial display, n-line reversal, display data RAM address control, contrast control, display ON/OFF, display normal/reverse rotation, display all lighting ON/OFF, liquid crystal drive power supply circuit control, display clock built-in oscillator circuit control • Lower power MLS drive technology Built-in high precision voltage regulation function • High precision CR oscillator circuit incorporated • Very low power consumption • Power supply Logic power supply: VDD – VSS = 1.7 to 3.6 V Liquid crystal drive power supply: V3 – VSS = 3.4 to 14.0 V (S1D15E06D01****), V3 – VSS = 3.4 to 16.0 V (S1D15E06D03****) • Wide operation temperature range: –40 to 85 °C • CMOS process • Shipping form : Bare chips, TCP • Light and radiation proof measures are not taken in designing. 1. DESCRIPTION The S1D15E06 series is a single chip MLS driver for dot matrix liquid crystal displays which can be directly connected to the microcomputer bus. It accepts the 8- bit parallel or serial display data from the microcomputer to store the data in the on-chip display data RAM, and issues liquid crystal drive signals independently of the microcomputer. The S1D15E06 series provides both 4 gray-scale display and binary display. It incorporates a display data RAM (132 × 160 × 2 bits). In the case of 4 gray-scale display, 2 bits of the on-chip RAM respond to one-dot pixels, while in the case of binary display, 1 bit of the on-chip RAM respond to one-dot pixels. The S1D15E06 series features 132 common output circuits and 160 segment output circuits. A single chip provides a display of 10 characters by 8 lines with 132 × 160 dots (16 × 16 dots) and display of 13 characters by 11 lines by the 12 × 12 dot-character font. Display data RAM read/write operations do not require operation clock from outside, thereby ensuring operation with the minimum current consumption. Furthermore, it incorporates a LCD-drive power supply characterized by low power consumption and a CR oscillator circuit for display clock; therefore, the display system of a handy and high-performance instrument can be realized by use of the minimum current consumption and minimum chip configuration. Series specifications Product name Bias LCD driving Duty (Max.) Form of shipping Chip thickness voltage range S1D15E06D01B000 1/7 3.4V~14.0V 1/132 Bare chip 0.400mm S1D15E06D03B000 1/7 3.4V~16.0V 1/132 Bare chip 0.400mm S1D15E06D01E000 1/7 3.4V~14.0V 1/132 Bare chip 0.625mm S1D15E06D03E000 1/7 3.4V~16.0V 1/132 Bare chip 0.625mm S1D15E06T00A00A 1/7 3.4V~14.0V 1/132 TCP — |
Similar Part No. - S1D15E06D01E000 |
|
Similar Description - S1D15E06D01E000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |