Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-21262SKBCZ200 Datasheet(PDF) 11 Page - Analog Devices

Part # ADSP-21262SKBCZ200
Description  Embedded Processor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21262SKBCZ200 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADSP-21262SKBCZ200 Datasheet HTML 7Page - Analog Devices ADSP-21262SKBCZ200 Datasheet HTML 8Page - Analog Devices ADSP-21262SKBCZ200 Datasheet HTML 9Page - Analog Devices ADSP-21262SKBCZ200 Datasheet HTML 10Page - Analog Devices ADSP-21262SKBCZ200 Datasheet HTML 11Page - Analog Devices ADSP-21262SKBCZ200 Datasheet HTML 12Page - Analog Devices ADSP-21262SKBCZ200 Datasheet HTML 13Page - Analog Devices ADSP-21262SKBCZ200 Datasheet HTML 14Page - Analog Devices ADSP-21262SKBCZ200 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
ADSP-21262
Rev. B
|
Page 11 of 48
|
August 2005
PIN FUNCTION DESCRIPTIONS
ADSP-21262 pin definitions are listed below. Inputs identified
as synchronous (S) must meet timing requirements with respect
to CLKIN (or with respect to TCK for TMS, TDI). Inputs iden-
tified as asynchronous (A) can be asserted asynchronously to
CLKIN (or to TCK for TRST). Tie or pull unused inputs to
VDDEXT or GND, except for the following:
• DAI_Px, SPICLK, MISO, MOSI, EMU, TMS,TRST, TDI
and AD15–0 (NOTE: These pins have internal pull-up
resistors.)
The following symbols appear in the Type column of Table 2:
A = asynchronous, G = ground, I = input, O = output,
P = power supply, S = synchronous, (A/D) = active drive,
(O/D) = open drain, and T = three-state.
Table 2. Pin Descriptions
Pin
Type
State During and
After Reset
Function
AD15–0
I/O/T
AD15–0 pins are
driven low both
during and after
reset
Parallel Port Address/Data. The ADSP-21262 parallel port and its corresponding
DMA unit output addresses and data for peripherals on these multiplexed pins. The
multiplex state is determined by the ALE pin. The parallel port can operate in either
8-bit or 16-bit mode. Each AD pin has a 22.5 k
Ω internal pull-up resistor. See Address
Data Modes on Page 14 for details of the AD pin operation.
For 8-bit mode: ALE is automatically asserted whenever a change occurs in the
upper 16 external address bits, A23–8; ALE is used in conjunction with an external
latch to retain the values of the A23–8.
For 16-bit mode: ALE is automatically asserted whenever a change occurs in the
address bits, A15–0; ALE is used in conjunction with an external latch to retain the
values of the A15–0. To use these pins as flags (FLAG15–0) set (=1) Bit 20 of the
SYSCTL register and disable the parallel port. See Table 3 on Page 14 for a list of how
the AD15–0 pins map to the flag pins. When configured in the IDP_PDAP_CTL
register, the IDP Channel 0 can use these pins for parallel input data.
RD
O
Output only, driven
high1
Parallel Port Read Enable. RD is asserted low whenever the DSP reads 8-bit or
16-bit data from an external memory device. When AD15–0 are flags, this pin
remains deasserted.
WR
O
Output only, driven
high
1
Parallel Port Write Enable. WR is asserted low whenever the DSP writes 8-bit or
16-bit data to an external memory device. When AD15–0 are flags, this pin remains
deasserted.
ALE
O
Output only, driven
low1
Parallel Port Address Latch Enable. ALE is asserted whenever the DSP drives a
new address on the parallel port address pin. On reset, ALE is active high. However,
it can be reconfigured using software to be active low. When AD15–0 are flags, this
pin remains deasserted.
FLAG3–0
I/O/A
Three-state
Flag Pins. Each FLAG pin is configured via control bits as either an input or output.
As an input, it can be tested as a condition. As an output, it can be used to signal
external peripherals. These pins can be used as an SPI slave select output during SPI
mastering. These pins are also multiplexed with the IRQx and the TIMEXP signals.
In SPI master boot mode, FLAG0 is the slave select pin that must be connected to
an SPI EPROM. FLAG0 is configured as a slave select during SPI master boot. When
Bit 16 is set (=1) in the SYSCTL register, FLAG0 is configured as IRQ0.
When Bit 17 is set (=1) in the SYSCTL register, FLAG1 is configured as IRQ1.
When Bit 18 is set (=1) in the SYSCTL register, FLAG2 is configured as IRQ2.
When Bit 19 is set (=1) in the SYSCTL register, FLAG3 is configured as TIMEXP, which
indicates that the system timer has expired.


Similar Part No. - ADSP-21262SKBCZ200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21262SKBCZ200 AD-ADSP-21262SKBCZ200 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
More results

Similar Description - ADSP-21262SKBCZ200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
ADSP-BF542 AD-ADSP-BF542_1 Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-21266 AD-ADSP-21266_07 Datasheet
894Kb / 44P
   Embedded Processor
REV. C
ADSP-BF522C AD-ADSP-BF522C Datasheet
829Kb / 12P
   Embedded Processor
Rev. PrB
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
   Embedded Processor
REV. A
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-2101BS-100 AD-ADSP-2101BS-100 Datasheet
667Kb / 48P
   TigerSHARC Embedded Processor
REV. B
logo
List of Unclassifed Man...
PICASO ETC2-PICASO Datasheet
8Mb / 24P
   Embedded Graphics Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com