Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-21262SKBC-200 Datasheet(PDF) 7 Page - Analog Devices

Part # ADSP-21262SKBC-200
Description  Embedded Processor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21262SKBC-200 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADSP-21262SKBC-200 Datasheet HTML 3Page - Analog Devices ADSP-21262SKBC-200 Datasheet HTML 4Page - Analog Devices ADSP-21262SKBC-200 Datasheet HTML 5Page - Analog Devices ADSP-21262SKBC-200 Datasheet HTML 6Page - Analog Devices ADSP-21262SKBC-200 Datasheet HTML 7Page - Analog Devices ADSP-21262SKBC-200 Datasheet HTML 8Page - Analog Devices ADSP-21262SKBC-200 Datasheet HTML 9Page - Analog Devices ADSP-21262SKBC-200 Datasheet HTML 10Page - Analog Devices ADSP-21262SKBC-200 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
ADSP-21262
Rev. B
|
Page 7 of 48
|
August 2005
•I2S mode
• Left-justified sample pair mode
Left-justified sample pair mode is a mode where in each frame
sync cycle two samples of data are transmitted/received—one
sample on the high segment of the frame sync, the other on the
low segment of the frame sync. Programs have control over var-
ious attributes of this mode.
Each of the serial ports supports the left-justified sample pair
and I2S protocols (I2S is an industry-standard interface com-
monly used by audio codecs, ADCs, and DACs), with two data
pins, allowing four left-justified sample pair or I2S channels
(using two stereo devices) per serial port, with a maximum of up
to 24 audio channels. The serial ports permit little-endian or
big-endian transmission formats and word lengths selectable
from 3 bits to 32 bits. For the left-justified sample pair and I2S
modes, data-word lengths are selectable between 8 bits and 32
bits. Serial ports offer selectable synchronization and transmit
modes as well as optional
µ-law or A-law companding selection
on a per channel basis. Serial port clocks and frame syncs can be
internally or externally generated.
Serial Peripheral (Compatible) Interface
Serial peripheral interface is an industry-standard synchronous
serial link, enabling the ADSP-21262 SPI-compatible port to
communicate with other SPI-compatible devices. SPI is an
Figure 3. ADSP-21262 Memory Map
EXTERNAL MEMORY
SPACE
0x0020 0000
0x3FFF FFFF
ADDRESS
RESERVED
EXTERNAL DMA
ADDRESS SPACE1, 4
0x00FF FFFF
0x0100 0000
0x02FF FFFF
0x0300 0000
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
BLOCK 0 ROM (2M BIT)
0x0006 4000–0x0007 7FFF
0x0008 0000
0x0005 8000
0x000B 0000
0x0004 4000–0x0005 7FFF
0x000C 0000
0x0008 8000–0x000A FFFF
0x0000 0000–0x0003 FFFF
0x0004 0000
ADDRESS
0x0011 0000–0x0015 FFFF
0x0016 0000
0x0018 FFFF
0x0019 00000x001D FFFF
IOP REGISTERS
BLOCK 0 SRAM (1M BIT)
INTERNAL MEMORY
SPACE
0x0010 0000
1EXTERNAL MEMORY IS NOT DIRECTLY ACCESSIBLE BY THE
CORE. DMA MUST BE USED TO READ OR WRITE TO THIS
MEMORY USING THE SPI OR PARALLEL PORT.
2BLOCK 0 ROM HAS A 48-BIT ADDRESS RANGE
(0x000A 0000–0x000A AAAA).
3BLOCK 1 ROM HAS A 48-BIT ADDRESS RANGE
(0x000E 0000–0x000E AAAA).
4USE THE EXTERNAL ADDRESSES LISTED HERE WITH THE
PARALLEL PORT DMA REGISTERS. THE PARALLEL PORT
GENERATES ADDRESS WITHIN THE RANGE
0x0000 0000–0x00FF FFFF.
0x0006 0000
0x0018 0000
0x0010 FFFF
0x000C 7FFF
0x0004 3FFF
0x0006 3FFF
LONG WORD
ADDRESS
SPACE
NORMAL WORD
ADDRESS
SPACE
SHORT WORD
ADDRESS
SPACE
0x0008 7FFF
BLOCK 1 SRAM (1M BIT)
BLOCK 0 SRAM (1M BIT)
BLOCK 0 SRAM (1M BIT)
BLOCK 1 SRAM (1M BIT)
BLOCK 1 SRAM (1M BIT)
RESERVED
BLOCK 1 ROM (2M BIT)
BLOCK 0 ROM (2M BIT)2
RESERVED
BLOCK 1 ROM (2M BIT)3
BLOCK 0 ROM (2M BIT)
BLOCK 1 ROM (2M BIT)
0x0007 8000
0x000F 0000
0x0007 FFFF
0x001E 0000
0x0005 FFFF
0x000B FFFF
0x000F FFFF
0x000C 8000–0x000E FFFF
0x0017 FFFF
0x001F FFFF


Similar Part No. - ADSP-21262SKBC-200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21262SKBC-200 AD-ADSP-21262SKBC-200 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
More results

Similar Description - ADSP-21262SKBC-200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
ADSP-BF542 AD-ADSP-BF542_1 Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-21266 AD-ADSP-21266_07 Datasheet
894Kb / 44P
   Embedded Processor
REV. C
ADSP-BF522C AD-ADSP-BF522C Datasheet
829Kb / 12P
   Embedded Processor
Rev. PrB
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
   Embedded Processor
REV. A
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-2101BS-100 AD-ADSP-2101BS-100 Datasheet
667Kb / 48P
   TigerSHARC Embedded Processor
REV. B
logo
List of Unclassifed Man...
PICASO ETC2-PICASO Datasheet
8Mb / 24P
   Embedded Graphics Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com