Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3HDMI413-ABE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3HDMI413-ABE
Description  4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI413-ABE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3HDMI413-ABE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI413-ABE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI413-ABE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI413-ABE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI413-ABE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI413-ABE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI413-ABE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI413-ABE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI413-ABE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
PS8853A
08/24/06
PI3HDMI413-A
4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI
Compliant Signal Switch based on TMDS Signaling Standard
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
ICC
Quiescent Power Supply Current
VDD = Max., VIN = VDD or VSS
500
600
µA
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at TA = 25°C ambient and maximum loading.
Dynamic Electrical Characteristics Over the Operating Range (TA= -40º to +85ºC)
Parameter(1)
Description
Test Conditions
Min.
Typ.(2)
Max.
Units
XTALK
Crosstalk
See Fig. 1 for Measurement Setup, @
1.65Gbps
-30
dB
OIRR
OFF Isolation
See Fig. 2 for Measurement Setup, @ 1.65
Gbps
-40
-3dB BW
-3dB bandwidth
2
GHz
Insertion Loss
@ 1.65 Gbps 8-bits color/channel
-.90
dB
@ 2.0 Gbps 10-bits color/channel
-1.05
@ 2.5 Gbps 12-bits color/channel
-1.35
@ 3.3 Gbps 16-bits color/channel
-2.20
Notes:
1. Guaranteed by design.
2. Typical values are at TA = 25°C ambient and maximum loading.
Note:
1. For measurement setup, please see “Test Circuit For Electrical Characteristic” on page 6, and “Switching waveforms” on page 7
Switching Characteristics (TA= -40º to +85ºC, VSS=0V, VDD=1.8V ±10%)
Paramenter
Description(1)
Min.
Max.
Units
tPZH, tPZL Line Enable Time - SEL to AN, BN
0.5
8.0
nS
tPHZ, tPLZ Line Disable Time - SEL to AN, BN
0.5
4.0
DC Electrical Characteristics for Switching over Operating Range (TA = –40°C to +85°C)
Paramenter
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
VIH(3)
Input HIGH Voltage
Guaranteed HIGH level 0.65(VDD-VSS)+VSS
V
VIL(3)
Input LOW Voltage
Guaranteed LOW level
–0.5+VSS
0.35(VDD-VSS)+VSS
VIK
Clamp Diode Voltage VDD=Max., IIN=–18mA
–0.7+VSS
–1.2+VSS
IIH
Input HIGH Current
VDD=Max., VIN=VDD
±5
µA
IIL
Input LOW Current
VDD=Max., VIN=VSS
±5
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at TA = 25°C ambient and maximum loading.
3. VIH + VIL are for SEL input only.
06-0243


Similar Part No. - PI3HDMI413-ABE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI413 PERICOM-PI3HDMI413 Datasheet
1Mb / 8P
   4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI413AE PERICOM-PI3HDMI413AE Datasheet
1Mb / 8P
   4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
More results

Similar Description - PI3HDMI413-ABE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI413 PERICOM-PI3HDMI413 Datasheet
1Mb / 8P
   4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI412-A PERICOM-PI3HDMI412-A Datasheet
440Kb / 11P
   4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI412-B PERICOM-PI3HDMI412-B Datasheet
596Kb / 9P
   4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI414 PERICOM-PI3HDMI414 Datasheet
944Kb / 10P
   4-Differential Channel, 4:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch
PI3HDMI412FT PERICOM-PI3HDMI412FT Datasheet
383Kb / 9P
   4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch with Flow-through Pin Out
PI3HDMI412FT-A PERICOM-PI3HDMI412FT-A Datasheet
874Kb / 12P
   2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
PI2DBS212 PERICOM-PI2DBS212_14 Datasheet
1Mb / 10P
   2.0GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch
PI3HDMI412FT-B PERICOM-PI3HDMI412FT-B Datasheet
712Kb / 12P
   2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
TS3DV416 TI-TS3DV416 Datasheet
509Kb / 17P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MUX SWITCH FOR DVI/HDMI APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com