Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT9200A Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT9200A
Description  DTMF Generators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9200A Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT9200A Datasheet HTML 1Page - Holtek Semiconductor Inc HT9200A Datasheet HTML 2Page - Holtek Semiconductor Inc HT9200A Datasheet HTML 3Page - Holtek Semiconductor Inc HT9200A Datasheet HTML 4Page - Holtek Semiconductor Inc HT9200A Datasheet HTML 5Page - Holtek Semiconductor Inc HT9200A Datasheet HTML 6Page - Holtek Semiconductor Inc HT9200A Datasheet HTML 7Page - Holtek Semiconductor Inc HT9200A Datasheet HTML 8Page - Holtek Semiconductor Inc HT9200A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
HT9200A/HT9200B
DTMF Generators
Selection Table
Function
Part No.
Operating
Voltage
OSC
Frequency
Interface
Package
HT9200A
2.5V~5.5V
3.58MHz
Serial
8 DIP/SOP
HT9200B
2.5V~5.5V
3.58MHz
Serial/Parallel
14 SOP
Block Diagram
Pin Assignment
Rev. 1.40
1
August 30, 2004
Features
· Operating voltage: 2.5V~5.5V
· Serial mode for the HT9200A
· Serial/parallel mode for the HT9200B
· Low standby current
· Low total harmonic distortion
· 3.58MHz crystal or ceramic resonator
· HT9200A: 8-pin DIP/SOP package
HT9200B: 14-pin SOP package
General Description
The HT9200A/B tone generators are designed for MCU
interfaces. They can be instructed by a MCU to gener-
ate 16 dual tones and 8 single tones from the DTMF pin.
The HT9200A provides a serial mode whereas the
HT9200B contains a selectable serial/parallel mode in-
terface for various applications such as security sys-
tems, home automation, remote control through
telephone lines, communication systems, etc.
S / P
C o n t r o l
C i r c u i t
3 . 5 8 M H z
C r y s t a l / R e s o n a t o r
O s c i l l a t o r
S e r i a l D a t a
I n p u t C i r c u i t
D T M F
G e n e r a t o r
P a r a l l e lD a t a
I n p u t C i r c u i t
X 1
X 2
D A T A
C L K
C E
D 0
D 3
D T M F
D 2
D 1
C E
C E
1
2
3
4
8
7
6
5
X 2
X 1
V S S
V D D
D T M F
D A T A
C L K
H T 9 2 0 0 A
8 D I P - A / S O P - A
S / P
1 4
1 3
1 2
1 1
1 0
9
8
1
2
3
4
5
6
7
H T 9 2 0 0 B
1 4 S O P - A
X 2
X 1
V S S
N C
D 0
D 1
V D D
D T M F
D A T A
C L K
D 3
D 2


Similar Part No. - HT9200A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9200A HOLTEK-HT9200A Datasheet
282Kb / 8P
   DTMF Generators
HT9200A HOLTEK-HT9200A_13 Datasheet
151Kb / 13P
   DTMF Generators
More results

Similar Description - HT9200A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC9200 ETC-SC9200 Datasheet
124Kb / 9P
   DTMF GENERATORS
logo
Holtek Semiconductor In...
HT9200A HOLTEK-HT9200A_13 Datasheet
151Kb / 13P
   DTMF Generators
HT9200A HOLTEK-HT9200A Datasheet
282Kb / 8P
   DTMF Generators
logo
NXP Semiconductors
PCD3311C PHILIPS-PCD3311C Datasheet
176Kb / 28P
   DTMF/modem/musical-tone generators
1996 Nov 21
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
Mitel Networks Corporat...
MT8865 MITEL-MT8865 Datasheet
231Kb / 6P
   DTMF Filter
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
Silan Microelectronics ...
SC9270C SILAN-SC9270C Datasheet
177Kb / 12P
   DTMF RECEIVER
logo
Sanyo Semicon Device
LC73872M SANYO-LC73872M Datasheet
115Kb / 6P
   DTMF Receiver?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com