Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US2K Datasheet(PDF) 1 Page - Semikron International

Part # US2K
Description  Surface mount diode Ultrafast silicon rectifier diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

US2K Datasheet(HTML) 1 Page - Semikron International

  US2K Datasheet HTML 1Page - Semikron International US2K Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface mount diode
Ultrafast silicon rectifier
diodes
US 2A ... US 2S
Forward Current: 2 A
Reverse Voltage: 50 to 1200 V
Features
Mechanical Data
1)
2)
3)
4)
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Characteristics
Symbol
Conditions
Values
Units
Dimensions in mm
US 2A ... US 2S
1
15-03-2007 MAM
© by SEMIKRON


Similar Part No. - US2K

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US2K SSE-US2K Datasheet
17Kb / 1P
   SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Nanjing International G...
US2K DGNJDZ-US2K Datasheet
115Kb / 2P
   2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
US2K LUGUANG-US2K Datasheet
172Kb / 2P
   Surface Mount Rectifiers
logo
Shenzhen Yixinwei Techn...
US2K YIXIN-US2K Datasheet
158Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
DAESAN ELECTRONIC CORP.
US2K DAESAN-US2K Datasheet
384Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER
More results

Similar Description - US2K

ManufacturerPart #DatasheetDescription
logo
Semikron International
US1A SEMIKRON-US1A Datasheet
198Kb / 2P
   Surface mount diode Ultrafast silicon rectifier diodes
EGL1A SEMIKRON-EGL1A_07 Datasheet
199Kb / 2P
   Surface mount diode Ultrafast silicon rectifier diodes
SUF4001 SEMIKRON-SUF4001 Datasheet
177Kb / 2P
   Surface mount diode Ultrafast silicon rectifier diodes
EGL34A SEMIKRON-EGL34A_07 Datasheet
201Kb / 2P
   Surface mount diode Ultrafast silicon rectifier diodes
logo
Diotec Semiconductor
USL1A DIOTEC-USL1A Datasheet
117Kb / 2P
   Ultrafast Switching Surface Mount Silicon Rectifier Diodes
US1A DIOTEC-US1A_13 Datasheet
104Kb / 2P
   Ultrafast Switching Surface Mount Silicon Rectifier Diodes
US1A DIOTEC-US1A_11 Datasheet
103Kb / 2P
   Ultrafast Switching Surface Mount Silicon Rectifier Diodes
US1A-Q DIOTEC-US1A-Q_13 Datasheet
130Kb / 2P
   Ultrafast Switching Surface Mount Silicon Rectifier Diodes
US3A DIOTEC-US3A_13 Datasheet
104Kb / 2P
   Ultrafast Switching Surface Mount Silicon Rectifier Diodes
logo
RFE international
MURS460 RFE-MURS460 Datasheet
2Mb / 3P
   Surface Mount Ultrafast Rectifier Diodes
14-01-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com