Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3EZ1 Datasheet(PDF) 1 Page - Semikron International

Part # 3EZ1
Description  Axial lead diode Zener silicon diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

3EZ1 Datasheet(HTML) 1 Page - Semikron International

  3EZ1_06 Datasheet HTML 1Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial lead diode
Zener silicon diodes
3EZ 1...3EZ 200(3W)
Maximum Power
Dissipation: 3 W
Nominal Z-voltage: 1 to 200 V
Features
Mechanical Data
1)
2)
3)
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
3EZ 1...3EZ 200(3W)
1
10-04-2006 SCT
© by SEMIKRON


Similar Part No. - 3EZ1_06

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3EZ100 PANJIT-3EZ100 Datasheet
461Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES(VOLTAGE- 11 to 200 Volts Power - 3.0 Watts)
logo
Transys Electronics
3EZ100 TRSYS-3EZ100 Datasheet
282Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Diotec Semiconductor
3EZ100 DIOTEC-3EZ100 Datasheet
112Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
Semikron International
3EZ100 SEMIKRON-3EZ100 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Pan Jit International I...
3EZ100 PANJIT-3EZ100 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results

Similar Description - 3EZ1_06

ManufacturerPart #DatasheetDescription
logo
Semikron International
ZY1 SEMIKRON-ZY1 Datasheet
48Kb / 1P
   Axial lead diode Zener silicon diodes
ZPY1 SEMIKRON-ZPY1 Datasheet
48Kb / 1P
   Axial lead diode Zener silicon diodes
logo
Pan Jit International I...
GDZ2.0 PANJIT-GDZ2.0 Datasheet
66Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Weitron Technology
BZX85C WEITRON-BZX85C Datasheet
870Kb / 4P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0_08 Datasheet
92Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
2EZ5.6D5 ANOVA-2EZ5.6D5 Datasheet
245Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55C2V4 PANJIT-BZX55C2V4 Datasheet
80Kb / 3P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
1N4728A ANOVA-1N4728A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
1N5919B ANOVA-1N5919B Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0 Datasheet
146Kb / 5P
   AXIAL LEAD ZENER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com