Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT1622 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT1622
Description  RAM Mapping 32x8 LCD Controller for I/O MCU
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1622 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT1622_07 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1622_07 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1622_07 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1622_07 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1622_07 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1622_07 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1622_07 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1622_07 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1622_07 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HT1622
RAM Mapping 32´8 LCD Controller for I/O MCU
Selection Table
HT162X
HT1620
HT1621
HT1622
HT16220
HT1623
HT1625
HT1626
COM
44
8
888
16
SEG
32
32
32
32
48
64
48
Built-in Osc.
¾
ÖÖ
¾
ÖÖÖ
Crystal Osc.
Ö
Ö
¾
ÖÖÖÖ
Block Diagram
Rev. 1.40
1
February 6, 2007
General Description
HT1622 is a peripheral device specially designed for I/O
type MCU used to expand the display capability. The
max. display segment of the device are 256 patterns
(32
´8). It also supports serial interface, buzzer sound,
Watchdog Timer or time base timer functions. The
HT1622 is a memory mapping and multi-function LCD
controller. The software configuration feature of the
HT1622 make it suitable for multiple LCD applications
including LCD modules and display subsystems. Only
three lines are required for the interface between the
host controller and the HT1622. The HT162X series
have many kinds of products that match various applica-
tions.
Features
· Operating voltage: 2.7V~5.2V
· Built-in RC oscillator
· 1/4 bias, 1/8 duty, frame frequency is 64Hz
· Max. 32´8 patterns, 8 commons, 32 segments
· Built-in internal resistor type bias generator
· 3-wire serial interface
· 8 kinds of time base or WDT selection
· Time base or WDT overflow output
· Built-in LCD display RAM
· R/W address auto increment
· Two selectable buzzer frequencies (2kHz or 4kHz)
· Power down command reduces power consumption
· Software configuration feature
· Data mode and Command mode instructions
· Three data accessing modes
· VLCD pin to adjust LCD operating voltage
· Cascade application
· 64-pin QFP package
W a t c h d o g T i m e r
a n d
T i m e B a s e G e n e r a t o r
D i s p l a y R A M
L C D D r i v e r /
B i a s C i r c u i t
C o n t r o l
a n d
T i m i n g
C i r c u i t
D A T A
W R
O S C I
C S
R D
C O M 0
C O M 7
S E G 0
S E G 3 1
T o n e F r e q u e n c y
G e n e r a t o r
B Z
B Z
I R Q
V S S
V D D
V L C D


Similar Part No. - HT1622_07

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1622 HOLTEK-HT1622_09 Datasheet
144Kb / 17P
   RAM Mapping 328 LCD Controller for I/O MCU
More results

Similar Description - HT1622_07

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1622 HOLTEK-HT1622 Datasheet
146Kb / 17P
   RAM Mapping 32x8 LCD Controller for I/O xC
HT16220 HOLTEK-HT16220 Datasheet
148Kb / 17P
   RAM Mapping 32x8 LCD Controller for I/O C
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
   RAM Mapping 32x4 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620_07 Datasheet
156Kb / 14P
   RAM Mapping 32x4 LCD Controller for I/O MCU
HT1623 HOLTEK-HT1623_02 Datasheet
193Kb / 15P
   RAM Mapping 48x8 LCD Controller for I/O MCU
HT1625 HOLTEK-HT1625_02 Datasheet
192Kb / 15P
   RAM Mapping 64x8 LCD Controller for I/O MCU
HT1626 HOLTEK-HT1626_02 Datasheet
187Kb / 15P
   RAM Mapping 48x16 LCD Controller for I/O MCU
HT1621 HOLTEK-HT1621_05 Datasheet
196Kb / 19P
   RAM Mapping 32x4 LCD Controller for I/O MCU
logo
ARTSCHIP ELECTRONICS CO...
HT1621 ARTSCHIP-HT1621 Datasheet
347Kb / 14P
   RAM Mapping 32x4 LCD Controller for I/O MCU
logo
Holtek Semiconductor In...
HT16220 HOLTEK-HT16220_09 Datasheet
145Kb / 15P
   RAM Mapping 328 LCD Controller for I/O MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com