Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QM100HY-H Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. QM100HY-H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

QM100HY-H Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb.1999
SWITCHING TIME VS. BASE
CURRENT (TYPICAL)
REVERSE BIAS SAFE OPERATING AREA
COLLECTOR-EMITTER VOLTAGE
VCE (V)
BASE REVERSE CURRENT
–IB2 (A)
FORWARD BIAS SAFE OPERATING AREA
DERATING FACTOR OF F. B. S. O. A.
COLLECTOR-EMITTER VOLTAGE
VCE (V)
CASE TEMPERATURE
TC (
°C)
REVERSE COLLECTOR CURRENT VS.
COLLECTOR-EMITTER REVERSE
VOLTAGE (DIODE FORWARD
CHARACTERISTICS) (TYPICAL)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTIC (TRANSISTOR)
COLLECTOR-EMITTER REVERSE VOLTAGE
–VCEO (V)
TIME (s)
MITSUBISHI TRANSISTOR MODULES
QM100HY-H
HIGH POWER SWITCHING USE
INSULATED TYPE
0
10
0
10
–1
10
–1
10
–2
10
–3
10
3
10
2
10
1
10
0
10
0
10
1
10
2
10
3
10
100
80
60
40
20
0
0
20
60
100 120
160
40
80
140
10
30
50
70
90
7
0
10
1
10
7
5
4
3
2
0
10
7
5
4
34 5
2 34 5 7
1
10
2
–1
10
2
3
2
tf
Tj=25°C
Tj=125°C
VCC=300V
ts
IB1=2.0A
IC=100A
200
0
0
200
400
600
800
150
100
50
100
300
500
700
175
125
75
25
Tj=125°C
IB2=–2A
IB2=–5A
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
4
4
4
tw=50µs
100µs
7
5
3
2
7
5
3
2
7
5
3
2
0.04
0.08
0.12
0.16
0.20
0
7
5
3
2
4
4
4
4
2
10
1
10
7
5
4
3
2
0
10
7
5
4
3
2
0
0.4
0.8
1.2
1.6
2.0
Tj=25°C
Tj=125°C
TC=25°C
NON–REPETITIVE
COLLECTOR
DISSIPATION
SECOND
BREAKDOWN
AREA


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CM100TU-24HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM200DY-28HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM350DU-5FHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM75TU-12HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
QM100TX1-HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM200DY-2HBHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM75E2Y-HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
CM1000HA-24HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM150DU-12HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM200E3U-12HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn