Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42S16100C1 Datasheet(PDF) 79 Page - Integrated Silicon Solution, Inc

Part # IS42S16100C1
Description  512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16100C1 Datasheet(HTML) 79 Page - Integrated Silicon Solution, Inc

Back Button IS42S16100C1_07 Datasheet HTML 73Page - Integrated Silicon Solution, Inc IS42S16100C1_07 Datasheet HTML 74Page - Integrated Silicon Solution, Inc IS42S16100C1_07 Datasheet HTML 75Page - Integrated Silicon Solution, Inc IS42S16100C1_07 Datasheet HTML 76Page - Integrated Silicon Solution, Inc IS42S16100C1_07 Datasheet HTML 77Page - Integrated Silicon Solution, Inc IS42S16100C1_07 Datasheet HTML 78Page - Integrated Silicon Solution, Inc IS42S16100C1_07 Datasheet HTML 79Page - Integrated Silicon Solution, Inc IS42S16100C1_07 Datasheet HTML 80Page - Integrated Silicon Solution, Inc IS42S16100C1_07 Datasheet HTML 81Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 79 / 81 page
background image
IS42S16100C1
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
79
Rev. D
11/03/06
ORDERING INFORMATION
Commercial Range: 0
°°°°°C to 70°°°°°C
Frequency
Speed (ns)
Order Part No.
Package
200 MHz
5
IS42S16100C1-5T
400-mil TSOP II
IS42S16100C1-5TL
400-mil TSOP II, Lead-free
166 MHz
6
IS42S16100C1-6T
400-mil TSOP II
IS42S16100C1-6TL
400-mil TSOP II, Lead-free
143MHz
7
IS42S16100C1-7T
400-mil TSOP II
IS42S16100C1-7TL
400-mil TSOP II, Lead-free
IS42S16100C1-7B
60-ball fBGA
IS42S16100C1-7BL
60-ball fBGA, Lead-free
Industrial Range: -40
°°°°°C to 85°°°°°C
Frequency
Speed (ns)
Order Part No.
Package
143MHz
7
IS42S16100C1-7TI
400-mil TSOP II
IS42S16100C1-7TLI
400-mil TSOP II, Lead-free
IS42S16100C1-7BI
60-ball fBGA
IS42S16100C1-7BLI
60-ball fBGA, Lead-free


Similar Part No. - IS42S16100C1_07

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16100C1-5T ISSI-IS42S16100C1-5T Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1-5TL ISSI-IS42S16100C1-5TL Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1-6T ISSI-IS42S16100C1-6T Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1-6TL ISSI-IS42S16100C1-6TL Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1-7T ISSI-IS42S16100C1-7T Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S16100C1_07

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16100 ISSI-IS42S16100 Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100A1 ISSI-IS42S16100A1 Datasheet
754Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1 ISSI-IS42VS16100C1 Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100_08 Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16100C1 ISSI-IS45S16100C1 Datasheet
803Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1 ISSI-IS42S16100C1 Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC42S16100 ICSI-IC42S16100 Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16100E ISSI-IS42S16100E Datasheet
1Mb / 82P
   512K Words x 16 Bits x 2 Banks 16Mb SYNCHRONOUS DYNAMIC RAM
IS42S16128 ISSI-IS42S16128 Datasheet
638Kb / 75P
   128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com