Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7402PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7402PBF
Description  HEXFET짰 Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7402PBF Datasheet(HTML) 6 Page - International Rectifier

  IRF7402PBF Datasheet HTML 1Page - International Rectifier IRF7402PBF Datasheet HTML 2Page - International Rectifier IRF7402PBF Datasheet HTML 3Page - International Rectifier IRF7402PBF Datasheet HTML 4Page - International Rectifier IRF7402PBF Datasheet HTML 5Page - International Rectifier IRF7402PBF Datasheet HTML 6Page - International Rectifier IRF7402PBF Datasheet HTML 7Page - International Rectifier IRF7402PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF7402PbF
6
www.irf.com
0.0
0.1
0.2
0.3
0369
12
15
A
I , Drain Current (A)
,
VGS =5V
VGS = 2.5V
Fig 13. Typical On-Resistance Vs. Drain
Current
Fig 14. Typical On-Resistance Vs. Gate
Voltage
0.02
0.03
0.04
0.05
24
68
A
,
/5
V
, Gate-to-Source Voltage (V)
I
= 5.7A
D
Fig 12a. Basic Gate Charge Waveform
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
QG
QGS
QGD
VG
Charge
4.5V
Fig 12b. Gate Charge Test Circuit


Similar Part No. - IRF7402PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7402PBF IRF-IRF7402PBF Datasheet
188Kb / 8P
   Generation V Technology
IRF7402PBF IRF-IRF7402PBF Datasheet
188Kb / 8P
   Generation V Technology
IRF7402PBF IRF-IRF7402PBF_15 Datasheet
188Kb / 8P
   Generation V Technology
More results

Similar Description - IRF7402PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com