Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC198A Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC198A
Description  Dual DC-DC Buck Converter with High Current Capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC198A Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC198A Datasheet HTML 4Page - Semtech Corporation SC198A Datasheet HTML 5Page - Semtech Corporation SC198A Datasheet HTML 6Page - Semtech Corporation SC198A Datasheet HTML 7Page - Semtech Corporation SC198A Datasheet HTML 8Page - Semtech Corporation SC198A Datasheet HTML 9Page - Semtech Corporation SC198A Datasheet HTML 10Page - Semtech Corporation SC198A Datasheet HTML 11Page - Semtech Corporation SC198A Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SC198A
8
Typical Characteristics (continued)
V
OUT vs. VIN
— 3.3V Programmed Output
0
0.5
1
1.5
2
2.5
3
3.5
4
2.7
3.26
3.82
4.38
4.94
5.5
Input (V)
IOUT = 300mA
IOUT = 800mA
V
OUT vs. VIN
— 1.8V Programmed Output
1.746
1.764
1.782
1.8
1.818
1.836
1.854
2.7
3.26
3.82
4.38
4.94
5.5
Input (V)
IOUT = 300mA
IOUT = 800mA
Crosstalk in PSAVE
10μs
Crosstalk — Side A (PSAVE) Side B (PWM)
10μs
(50mV/div)
(50mV/div)
(100mV/div)
(100mV/div)
V
IN
=5.0V, 25°C, V
OUTA
= 1.0V, I
OUTA
= 80mA, V
OUTB
= 3.3V, I
OUTB
= 0mA
V
IN
=5.0V, 25°C, V
OUTA
= 1.0V, I
OUTA
= 80mA, V
OUTB
= 3.3V, I
OUTB
= 800mA
Transient in PSAVE
Time (200μs/div)
V
OUT
=1.0V, V
IN
=3.6V, 25°C, I
OUT
= 0 to 800mA
(5.0mV/div)
(200mV/div)
(200mV/div)
(1.0A/div)
Transient in PWM
Time (200μs/div)
V
OUT
=1.8V, V
IN
=3.6V, 25°C, I
OUT
= 0 to 800mA
(5.0mV/div)
(200mV/div)
(200mV/div)
(1.0A/div)


Similar Part No. - SC198A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC198 SEMTECH-SC198 Datasheet
406Kb / 16P
   Dual DC-DC Buck Converter with High Current Capability
SC198 SEMTECH-SC198 Datasheet
404Kb / 16P
   Dual DC-DC Buck Converter with High Current Capability
SC198EVB SEMTECH-SC198EVB Datasheet
406Kb / 16P
   Dual DC-DC Buck Converter with High Current Capability
SC198EVB SEMTECH-SC198EVB Datasheet
404Kb / 16P
   Dual DC-DC Buck Converter with High Current Capability
SC198MLTRT SEMTECH-SC198MLTRT Datasheet
406Kb / 16P
   Dual DC-DC Buck Converter with High Current Capability
More results

Similar Description - SC198A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC198 SEMTECH-SC198 Datasheet
406Kb / 16P
   Dual DC-DC Buck Converter with High Current Capability
SC198 SEMTECH-SC198_07 Datasheet
404Kb / 16P
   Dual DC-DC Buck Converter with High Current Capability
logo
Linear Technology
LTC3441 LINER-LTC3441 Datasheet
189Kb / 16P
   High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441_15 Datasheet
233Kb / 16P
   High Current Micropower Synchronous Buck-Boost DC/DC Converter
logo
Leshan Radio Company
LR2596 LRC-LR2596 Datasheet
154Kb / 7P
   150KHz, 3A PWM Buck DC/DC Converter TTL shutdown capability
logo
Linear Technology
LTC3443 LINER-LTC3443 Datasheet
201Kb / 16P
   High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
LTC3443 LINER-LTC3443_15 Datasheet
233Kb / 16P
   High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
   DC/DC Buck Converter
logo
Bookly Micro electronic
NCM0450HV BOOKLY-NCM0450HV Datasheet
921Kb / 6P
   DC-DC BUCK CONVERTER
logo
List of Unclassifed Man...
XL4501 ETC2-XL4501 Datasheet
396Kb / 16P
   5A 150KHz 36V Buck DC/DC Converter With Constant Current Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com