Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC623A Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC623A
Description  LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and I2C Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC623A Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC623A Datasheet HTML 4Page - Semtech Corporation SC623A Datasheet HTML 5Page - Semtech Corporation SC623A Datasheet HTML 6Page - Semtech Corporation SC623A Datasheet HTML 7Page - Semtech Corporation SC623A Datasheet HTML 8Page - Semtech Corporation SC623A Datasheet HTML 9Page - Semtech Corporation SC623A Datasheet HTML 10Page - Semtech Corporation SC623A Datasheet HTML 11Page - Semtech Corporation SC623A Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
SC623A
8
Typical Characteristics (continued)
Output Short Circuit Current Limit
Time (1ms/div)
V
OUT (1V/div)
I
OUT (100mA/div)
V
OUT
=0V, V
IN
=4.2V, 25°C
Flash Mode Safety Timer
Time (200ms/div)
V
FLEN (5V/div)
V
OUT (2V/div)
I
FL (200mA/div)
V
IN
=3.7V, 25°C
Output Open Circuit Protection
Time (200μs/div)
V
BL1 (500mV/div)
V
OUT (2V/div)
I
BL1 (20mA/div)
V
IN
=3.7V, 25°C
Flash Current Pulse
V
FLEN (5V/div)
V
OUT (2V/div)
I
FL (200mA/div)
I
FL
=400mA, V
IN
=3.7V, V
OUT
=3.7V, 25°C
Time (40ms/div)


Similar Part No. - SC623A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC623 SEMTECH-SC623 Datasheet
274Kb / 21P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and SemWireTM Interface
SC623EVB SEMTECH-SC623EVB Datasheet
274Kb / 21P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and SemWireTM Interface
SC623ULTRT SEMTECH-SC623ULTRT Datasheet
274Kb / 21P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and SemWireTM Interface
More results

Similar Description - SC623A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC621A SEMTECH-SC621A_09 Datasheet
320Kb / 24P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and I2C Interface
SC623 SEMTECH-SC623 Datasheet
274Kb / 21P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and SemWireTM Interface
SC622A SEMTECH-SC622A Datasheet
313Kb / 23P
   LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and I2C Interface
SC622A SEMTECH-SC622A_09 Datasheet
308Kb / 23P
   LED Light Management Unit Charge Pump, 400mA Flash LED,Dual LDOs,and I2C Interface
SC621 SEMTECH-SC621 Datasheet
307Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
SC621 SEMTECH-SC621_09 Datasheet
314Kb / 23P
   LED Light Management Unit Charge Pump,4 LEDs, 400mA Flash LED Dual LDOs,and SemWire Interface
SC627A SEMTECH-SC627A Datasheet
380Kb / 24P
   LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and I2C Interface
SC627A SEMTECH-SC627A_09 Datasheet
321Kb / 24P
   LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED,Dual LDOs, and I2C Interface
SC622 SEMTECH-SC622 Datasheet
300Kb / 21P
   LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
SC622 SEMTECH-SC622_09 Datasheet
301Kb / 21P
   LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com