Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC2596EVB Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC2596EVB
Description  Low Voltage Integrated DDR Termination Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2596EVB Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC2596EVB Datasheet HTML 4Page - Semtech Corporation SC2596EVB Datasheet HTML 5Page - Semtech Corporation SC2596EVB Datasheet HTML 6Page - Semtech Corporation SC2596EVB Datasheet HTML 7Page - Semtech Corporation SC2596EVB Datasheet HTML 8Page - Semtech Corporation SC2596EVB Datasheet HTML 9Page - Semtech Corporation SC2596EVB Datasheet HTML 10Page - Semtech Corporation SC2596EVB Datasheet HTML 11Page - Semtech Corporation SC2596EVB Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
© 2007 Semtech Corp.
www.semtech.com
SC2596
PRELIMINARY
POWER MANAGEMENT
Block Diagram
+
-
Error Am p.
AVCC
GND
UVLO +
Thermal
Shutdown
VDDQ
Vsense
VTT
Anti-
Shoot-
thru
+
Driver
Circuit
PVCC
EN
VREF
Vref Buffer
Description
Description
Description
Description
Description
SC2596 is a low-voltage, low-dropout DDR termination
regulator with separate power supply to support both
DDR1 and DDR2 applications. AVCC and PVCC can be
tied together for DDR1 and can also be separated for
DDR2.
SC2596 regulates VTT to the voltage of VREF. VTT will
sink or source upto 2.5A. Internal shoot-through protec-
tion ensure both top and bottom MOSFET will not con-
duct while maintaining fast source-to-sink load transient.
Thermal shut-down and internal current limit protect
SC2596 from shorted load or over-heated
VREF BUFF
VREF BUFF
VREF BUFF
VREF BUFF
VREF BUFF
VREF is derived from VDDQ with an accurate divide by
op-amps(VREF Buffer). It is capable to sink and source
30uA. It is used as the reference voltage to the Error
amp. A 100nF or higher capacitor is recommended for
VREF pin to ground; To enhance the noise immunity from
board, an additional pull-down resistor (1M
Ω) is
recomanded as well from VREF pin to ground.
ERROR AMP
ERROR AMP
ERROR AMP
ERROR AMP
ERROR AMP
Low input offset op-amp for the main linear regulator. It
controls the VTT output voltage and which side of the
MOSFET to turn on (or turn off) to achieve zero shoot
through current.
ANTI-Shoot Thought Driver
ANTI-Shoot Thought Driver
ANTI-Shoot Thought Driver
ANTI-Shoot Thought Driver
ANTI-Shoot Thought Driver
Buffer stage takes the error voltage to control MOSFET.
Internal current limit is incorporated to protect from
shorted load.
THERMAL SHUTDOWN & UVLO
THERMAL SHUTDOWN & UVLO
THERMAL SHUTDOWN & UVLO
THERMAL SHUTDOWN & UVLO
THERMAL SHUTDOWN & UVLO
The Thermal shutdown block prevent the junction tem-
perature exceed 165 oC. UVLO circuit to ensure proper
power is available for correct operation of the IC.


Similar Part No. - SC2596EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2596EVB SEMTECH-SC2596EVB Datasheet
761Kb / 14P
   Low Voltage Integrated DDR Termination Regulator
More results

Similar Description - SC2596EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2596 SEMTECH-SC2596_09 Datasheet
761Kb / 14P
   Low Voltage Integrated DDR Termination Regulator
SC2597 SEMTECH-SC2597 Datasheet
1,011Kb / 13P
   Low Voltage DDR Termination Regulator
SC2599 SEMTECH-SC2599 Datasheet
1Mb / 13P
   Low Voltage DDR Termination Regulator
SC2598 SEMTECH-SC2598 Datasheet
994Kb / 13P
   Low Voltage DDR Termination Regulator
SC2595 SEMTECH-SC2595_09 Datasheet
446Kb / 12P
   Integrated Linear DDR Termination Regulator
SC2595 SEMTECH-SC2595 Datasheet
676Kb / 11P
   Integrated Linear DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
   DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
[Old version datasheet]   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com