Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74ACT273ME4 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74ACT273ME4
Description  Octal D Flip-Flop with Reset
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT273ME4 Datasheet(HTML) 1 Page - Texas Instruments

  CD74ACT273ME4 Datasheet HTML 1Page - Texas Instruments CD74ACT273ME4 Datasheet HTML 2Page - Texas Instruments CD74ACT273ME4 Datasheet HTML 3Page - Texas Instruments CD74ACT273ME4 Datasheet HTML 4Page - Texas Instruments CD74ACT273ME4 Datasheet HTML 5Page - Texas Instruments CD74ACT273ME4 Datasheet HTML 6Page - Texas Instruments CD74ACT273ME4 Datasheet HTML 7Page - Texas Instruments CD74ACT273ME4 Datasheet HTML 8Page - Texas Instruments CD74ACT273ME4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS249B
Features
• Buffered Inputs
• Typical Propagation Delay
- 6.5ns at VCC = 5V, TA = 25
oC, C
L = 50pF
• Exceeds 2kV ESD Protection MIL-STD-883, Method
3015
• SCR-Latchup-Resistant CMOS Process and Circuit
Design
• Speed of Bipolar FAST™/AS/S with Significantly
Reduced Power Consumption
• Balanced Propagation Delays
• AC Types Feature 1.5V to 5.5V Operation and
Balanced Noise Immunity at 30% of the Supply
±24mA Output Drive Current
- Fanout to 15 FAST™ ICs
- Drives 50
Ω Transmission Lines
Pinout
CD54AC273, CD54ACT273
(CDIP)
CD74AC273, CD74ACT273
(PDIP, SOIC)
TOP VIEW
Description
The ’AC273 and ’ACT273 devices are octal D-type flip-flops
with reset that utilize advanced CMOS logic technology.
Information at the D input is transferred to the Q output on
the positive-going edge of the clock pulse. All eight flip-flops
are controlled by a common clock (CP) and a common reset
(MR). Resetting is accomplished by a low voltage level
independent of the clock.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
MR
Q0
D0
D1
Q1
Q2
D3
D2
Q3
GND
VCC
D7
D6
Q6
Q7
Q5
D5
D4
Q4
CP
Ordering Information
PART
NUMBER
TEMPERATURE
RANGE
PACKAGE
CD74AC273E
0oC to 70oC
-40oC to 85oC
-55oC to 125oC
20 Ld PDIP
CD54AC273F3A
-55oC to 125oC
20 Ld CDIP
CD74ACT273E
0oC to 70oC
-40oC to 85oC
-55oC to 125oC
20 Ld PDIP
CD54ACT273F3A
-55oC to 125oC
20 Ld CDIP
CD74AC273M
0oC to 70oC
-40oC to 85oC
-55oC to 125oC
20 Ld SOIC
CD74ACT273M
0oC to 70oC
-40oC to 85oC
-55oC to 125oC
20 Ld SOIC
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer and die for this part number is available which meets all
electrical specifications. Please contact your local sales office for
ordering information.
August 1998 - Revised July 2002
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a Trademark of Fairchild Semiconductor.
Copyright
© 2002, Texas Instruments Incorporated
CD54AC273, CD74AC273
CD54ACT273, CD74ACT273
Octal D Flip-Flop with Reset


Similar Part No. - CD74ACT273ME4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT273ME4 TI-CD74ACT273ME4 Datasheet
301Kb / 15P
[Old version datasheet]   Octal D Flip-Flop with Reset
More results

Similar Description - CD74ACT273ME4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC273 TI-CD54AC273 Datasheet
301Kb / 15P
[Old version datasheet]   Octal D Flip-Flop with Reset
logo
Harris Corporation
CD54AC273 HARRIS-CD54AC273 Datasheet
10Kb / 1P
   Octal D Flip-Flop with Reset
logo
Texas Instruments
CD54AC273 TI-CD54AC273_08 Datasheet
485Kb / 17P
[Old version datasheet]   Octal D Flip-Flop with Reset
logo
KODENSHI_AUK CORP.
KK74HC273A KODENSHI-KK74HC273A Datasheet
242Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset
logo
Pericom Semiconductor C...
P174FCT2273T PERICOM-P174FCT2273T Datasheet
49Kb / 4P
   Fast CMOS Octal D Flip-Flop with Master Reset
logo
Integrated Device Techn...
7028L20PFI IDT-7028L20PFI Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
logo
Pericom Semiconductor C...
PI74FCT273T PERICOM-PI74FCT273T Datasheet
148Kb / 6P
   Fast CMOS Octal D Flip-Flop with Master Reset
logo
Integral Corp.
IN74ACT273 INTEGRAL-IN74ACT273 Datasheet
182Kb / 5P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
ON Semiconductor
MC74HC273 ONSEMI-MC74HC273 Datasheet
195Kb / 8P
   OCTAL D FLIP FLOP WITH COMMON CLOCK AND RESET
May, 2000 ??Rev. 9
logo
Integral Corp.
IN74HC273A INTEGRAL-IN74HC273A Datasheet
148Kb / 5P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com