Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC339SKTRT Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC339SKTRT
Description  Ultra Low Output Voltage Linear FET Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC339SKTRT Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC339SKTRT Datasheet HTML 7Page - Semtech Corporation SC339SKTRT Datasheet HTML 8Page - Semtech Corporation SC339SKTRT Datasheet HTML 9Page - Semtech Corporation SC339SKTRT Datasheet HTML 10Page - Semtech Corporation SC339SKTRT Datasheet HTML 11Page - Semtech Corporation SC339SKTRT Datasheet HTML 12Page - Semtech Corporation SC339SKTRT Datasheet HTML 13Page - Semtech Corporation SC339SKTRT Datasheet HTML 14Page - Semtech Corporation SC339SKTRT Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
© 2006 Semtech Corp.
www.semtech.com
SC339
POWER MANAGEMENT
Applications Information (Cont.)
Now,
We choose C3 = 470nF as the standard value.
Soft-Start Behavior
Atstart-up,V
OUT first ramps linearly from ground at the rate of
~0.5V/ms (+/- 25%) for about 800us. The linear ramping is
followedbyaphaseofsmoothsettlingforabout700usatthe
end of which the output has fully settled (to better than 1%).
The total start-up time of about 1.5ms is kept within 1ms
- 2ms window, and this is regardless of the loading and
of the external components connected to the device.
SC339 Start-Up Response
C3 = ½ • • R3 • 3kHz = 530nF
Layout Guidelines
The advantages of using the SC339 to drive external
MOSFETs are:
a) that the bandgap reference and control circuitry are in a
die that does not contain high power dissipating devices
and,
b) that the device itself does not need to be located right
next to the power devices. Thus very accurate output
voltages can be obtained since changes due to heating
effects will be minimal.
The 0.1μF bypass capacitor should be located close to the
supply (IN) and GND pins, and connected directly to the
ground plane.
The feedback resistors should be located at the device,
with the sense line from the output routed from the load
(or top end of the droop resistor if passive droop is being
used) directly to the feedback chain. If passive droop is
being used, the droop resistor should be located next to the
load to avoid adding additional unplanned droop. Sense
and drive lines should be routed away from noisy traces
or components.
For very low input to output voltage differentials, the
input to output/load path should be as wide and short
as possible. Where greater headroom is available, wide
traces may suffice.
Power dissipation within the device is practically
negligible, thus requiring no special consideration dur-
ing layout. The MOSFET pass devices should be laid out
according to the manufacturer’s guidelines for the power
being dissipated within them.


Similar Part No. - SC339SKTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC33001A SEMTECH-SC33001A Datasheet
457Kb / 14P
   3A Low VIN Ultra-Low Rdson Load Switch
SC33001A-EVB SEMTECH-SC33001A-EVB Datasheet
457Kb / 14P
   3A Low VIN Ultra-Low Rdson Load Switch
SC33001ACSTRT SEMTECH-SC33001ACSTRT Datasheet
457Kb / 14P
   3A Low VIN Ultra-Low Rdson Load Switch
SC33001AH SEMTECH-SC33001AH Datasheet
457Kb / 14P
   3A Low VIN Ultra-Low Rdson Load Switch
SC33001AH-EVB SEMTECH-SC33001AH-EVB Datasheet
457Kb / 14P
   3A Low VIN Ultra-Low Rdson Load Switch
More results

Similar Description - SC339SKTRT

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2160 BCDSEMI-AP2160 Datasheet
307Kb / 10P
   Ultra Low Output Voltage Linear N-FET Controller
logo
Semtech Corporation
SC338 SEMTECH-SC338 Datasheet
245Kb / 14P
   Ultra Low Output Voltage Dual Linear FET Controller
logo
Unisonic Technologies
LC1126 UTC-LC1126 Datasheet
100Kb / 6P
   ULTRA LOW OUTPUT VOLTAGE LINEAR N-FET CONTROLLER
logo
Semtech Corporation
SC2738 SEMTECH-SC2738 Datasheet
232Kb / 13P
   Ultra Low Output Voltage Dual Linear FET Controller
logo
Advanced Power Electron...
APE8858 A-POWER-APE8858 Datasheet
281Kb / 6P
   ULTRA LOW OUTPUT VOLTAGE LINEAR N-FET CONTROLLER
logo
Global Mixed-mode Techn...
G9338 GMT-G9338 Datasheet
139Kb / 1P
   Ultra Low Output Voltage Linear N-FET Controller
logo
Maxim Integrated Produc...
MAX8563 MAXIM-MAX8563 Datasheet
272Kb / 15P
   1%, Ultra-Low Output Voltage, Dual and Triple Linear n-FET Controllers
19-3290; Rev 2; 6/06
logo
Semtech Corporation
SC1548 SEMTECH-SC1548_04 Datasheet
266Kb / 14P
   Linear FET Controller
SC1548 SEMTECH-SC1548 Datasheet
287Kb / 14P
   Linear Fet Controller
logo
Texas Instruments
LFC789D25 TI-LFC789D25 Datasheet
218Kb / 11P
[Old version datasheet]   DUAL LINEAR FET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com