Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC471 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC471
Description  Synchronous Buck Controller with Multi-Level VOUT Transition Support
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC471 Datasheet(HTML) 3 Page - Semtech Corporation

  SC471 Datasheet HTML 1Page - Semtech Corporation SC471 Datasheet HTML 2Page - Semtech Corporation SC471 Datasheet HTML 3Page - Semtech Corporation SC471 Datasheet HTML 4Page - Semtech Corporation SC471 Datasheet HTML 5Page - Semtech Corporation SC471 Datasheet HTML 6Page - Semtech Corporation SC471 Datasheet HTML 7Page - Semtech Corporation SC471 Datasheet HTML 8Page - Semtech Corporation SC471 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
© 2006 Semtech Corp.
SC471/SC471A
www.semtech.com
POWER MANAGEMENT
Absolute Maximum Rating
Electrical Characteristics
Parameter
Symbol
Min
Max
Units
DH, BST to GND (DC)
DH, BST to GND (transient - 100nsec max)
-0.3
-2.0
+30
+33
V
DL to GND (DC)
DL to GND (transient - 100nsec max)
-0.3
-2.0
+6.0
+6.0
V
LX to GND (DC)
LX to GND (transient - 100nsec max)
-0.3
-2.0
+25
+28
V
BST to LX
-0.3
+6.0
V
RTN to GND
-0.3
+0.3
V
VCC to RTN
-0.3
+6.0
V
D0, D1, EN, FB, G0, G1, ILIM, PGOOD, VOUT to RTN
-0.3
VCC + 0.3
V
Operating Junction Temperature Range
T
J
-40
+125
o
C
Storage Temperature Range
T
STG
-65
+150
o
C
Thermal Resistance, Junction to Ambient(1)
θ
JA
45
o
C/Watt
Peak IR Reflow Temperature, (10-40sec)
T
PKG
+260
o
C
ESD Rating (Human Body Model)
2
kV
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not implied. Exposure to Absolute Maximum rated conditions for extended periods of time may affect device reliability.
Note:
1) Calculated from package in still air, mounted 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Test Conditions: V
BAT = 15V, VOUT = 1.5V, TA = 25
o
C, 0.1% resistor dividers; VCC = 5.0V.
Parameter
Conditions
25°C
-40° to 85°C
Units
Min
Typ
Max
Min
Max
Input Supplies
VBAT Input Voltage
3.0
25
V
VCC Input Voltage
4.5
5.5
V
VCC Shutdown Current
EN = 0V
1
5
μA
VCC Operating Current
FB > 0.8V
500
1000
μA
Controller
FB On-Time Threshold
0 to 85°C
0.75
0.7436 0.7564
V
-40 to 85°C
0.7425 0.7575
Output Voltage Adjust Range(1)
0.75
5.25
V
D0/D1 Pull-Down Resistance
D0/D1 to RTN;
SC471 G0/G1 = 5V; SC471A G0/G1 = 0V
15
40
Ω


Similar Part No. - SC471

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC471 SEMTECH-SC471 Datasheet
534Kb / 27P
   Synchronous Buck Controller with Multi-Level VOUT Transition Support
SC471A SEMTECH-SC471A Datasheet
534Kb / 27P
   Synchronous Buck Controller with Multi-Level VOUT Transition Support
SC471AEVB SEMTECH-SC471AEVB Datasheet
534Kb / 27P
   Synchronous Buck Controller with Multi-Level VOUT Transition Support
SC471AMLTRT SEMTECH-SC471AMLTRT Datasheet
534Kb / 27P
   Synchronous Buck Controller with Multi-Level VOUT Transition Support
SC471EVB SEMTECH-SC471EVB Datasheet
534Kb / 27P
   Synchronous Buck Controller with Multi-Level VOUT Transition Support
More results

Similar Description - SC471

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC471 SEMTECH-SC471_08 Datasheet
534Kb / 27P
   Synchronous Buck Controller with Multi-Level VOUT Transition Support
SC475A SEMTECH-SC475A Datasheet
602Kb / 27P
   Synchronous Buck Controller with Dual-Level VOUT Transition Support
logo
Linear Technology
LTC3892EFE-1 LINER-LTC3892EFE-1 Datasheet
746Kb / 14P
   PolyPhase High VOUT Synchronous Buck Converter
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Linear Technology
LT8705 LINER-LT8705_15 Datasheet
544Kb / 44P
   80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
LT8705A LINER-LT8705A Datasheet
373Kb / 10P
   80V VIN and VOUT Synchronous 4-Switch Buck-Boost DC/DC Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
logo
Semtech Corporation
SC412A SEMTECH-SC412A_1 Datasheet
588Kb / 22P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
   Synchronous Buck Controller
logo
Micro Linear Corporatio...
ML4894 MICRO-LINEAR-ML4894 Datasheet
270Kb / 10P
   Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com