Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC191 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC191
Description  Low Supply Ripple Synchronous Buck Conversion Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC191 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC191 Datasheet HTML 5Page - Semtech Corporation SC191 Datasheet HTML 6Page - Semtech Corporation SC191 Datasheet HTML 7Page - Semtech Corporation SC191 Datasheet HTML 8Page - Semtech Corporation SC191 Datasheet HTML 9Page - Semtech Corporation SC191 Datasheet HTML 10Page - Semtech Corporation SC191 Datasheet HTML 11Page - Semtech Corporation SC191 Datasheet HTML 12Page - Semtech Corporation SC191 Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
9
SC191
0
10
20
30
40
50
60
70
80
90
100
0.0100
0.1000
1.0000
0
10
20
30
40
50
60
70
80
90
100
0.0100
0.1000
1.0000
1.19
1.195
1.2
1.205
1.21
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
1.19
1.195
1.2
1.205
1.21
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Efficiency vs. Load Current (FELDO Active)
Efficiency vs. Load Current (FELDO Bypassed)
Line Regulation (FELDO Bypassed)
Load Regulation
V
IN (V)
I
OUT=1mA
I
OUT (A)
V
IN=3V
V
IN=3.6V
V
IN=4.2V
Line Regulation (FELDO Active)
I
OUT (A)
Switching Frequency vs. Temperature
V
IN=3V
V
IN=3.6V
V
IN=4.2V
I
OUT=150mA
I
OUT=330mA
V
IN (V)
I
OUT=1mA
I
OUT=150mA
I
OUT=330mA
1.195
1.2
1.205
1.21
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
I
OUT (A)
V
IN=3V
V
IN=3.6V
V
IN=4.2V
0.95
0.96
0.97
0.98
0.99
1
1.01
-60
-40
-20
0
20
40
60
80
100
120
140
T
J (°C)
V
IN=3.6V
Typical Characteristics


Similar Part No. - SC191

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC19-1 ETC2-SC19-1 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
logo
Semtech Corporation
SC190 SEMTECH-SC190 Datasheet
1Mb / 18P
   Synchronous Buck Converter with Programmable Output
logo
Maxim Integrated Produc...
SC1905 MAXIM-SC1905 Datasheet
159Kb / 13P
   698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
Rev 1; 10/18
SC1905-EVKS MAXIM-SC1905-EVKS Datasheet
1Mb / 15P
   Reduces System Power Consumption and OPEX
Rev 1; 4/19
SC1905A-00A00 MAXIM-SC1905A-00A00 Datasheet
159Kb / 13P
   698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
Rev 1; 10/18
More results

Similar Description - SC191

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
   Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
   Synchronous Buck Regulator
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
   Synchronous Buck Regulator
logo
ON Semiconductor
FAN53701 ONSEMI-FAN53701 Datasheet
320Kb / 13P
   Synchronous Buck Regulator
January, 2017 ??Rev. 1
logo
National Semiconductor ...
LM2743 NSC-LM2743 Datasheet
1Mb / 23P
   N-Channel FET Synchronous Buck Regulator Controller for Conversion from 3.3V
logo
Micrel Semiconductor
MIC2178 MICREL-MIC2178 Datasheet
170Kb / 16P
   2.5A Synchronous Buck Regulator
MIC2177 MICREL-MIC2177_08 Datasheet
224Kb / 15P
   2.5A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
logo
Unisonic Technologies
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
logo
Micrel Semiconductor
MIC2177 MICREL-MIC2177 Datasheet
181Kb / 16P
   2.5A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com