Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82M398A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT82M398A
Description  5-Key 3D WIN2000 PS/2 Mouse Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M398A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT82M398A_06 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M398A_06 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M398A_06 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M398A_06 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M398A_06 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M398A_06 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M398A_06 Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings
Supply Voltage .........................................
-0.3V to 6.5V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-25°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
4.75
5.0
5.25
V
IOP
Operating Current
5V
ROSC=130k
¾
15
mA
fOSC
RC Oscillator
5V
ROSC=130k
W
1.6
2
2.4
MHz
VIL1
Input Low Voltage (Z1, Z2)
5V
¾
0
¾
1.5
V
VIH1
Input High Voltage (Z1, Z2)
5V
¾
2.2
¾
5V
VIL2
Input Low Voltage (CLK, DATA)
5V
¾
0
¾
0.8
V
VIH2
Input High Voltage (CLK, DATA)
5V
¾
2.0
¾
5.0
V
RPH2
Pull-high Resistor (CLK, DATA)
5V
VIL=0V
25
10
k
W
Isink
Sink Current (CLK, DATA)
5V
VOH=0.4V
4
¾¾
mA
VIL3
Input Low Voltage (RB, Ro, LB)
5V
¾
0
¾
1.0
V
VIH3
Input High Voltage (RB, Ro, LB)
5V
¾
1.8
¾
5V
RPL3
Pull-low Resistor (RB, Ro, LB)
5V
VIL=0V
3.0
60
125
k
W
VIL4
Input Low Voltage (X1,X2,Y1,Y2)
5V
¾
0
¾
1.5
V
VIH4
Input High Voltage (X1, X2, Y1, Y2)
5V
¾
2.2
¾
5V
RPL5
Dynamic Photo-resistor
(X1, X2, Y1, Y2, Z1, Z2)
5V
¾
See Dynamic resistor characteristics
Dynamic resistor characteristics
· R-V curve
HT82M398A
Rev. 1.40
2
October 12, 2006
Photo_R: R-V
V
R


Similar Part No. - HT82M398A_06

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M398A HOLTEK-HT82M398A Datasheet
93Kb / 8P
   WIN2000 3D PS/2 Mouse Controller
More results

Similar Description - HT82M398A_06

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M980A HOLTEK-HT82M980A_05 Datasheet
110Kb / 6P
   5-Key 3D WIN2000 USBPS/2 Mouse Controller
HT82M980A HOLTEK-HT82M980A Datasheet
167Kb / 6P
   5-Key 3D WIN2000 USBPS/2 Mouse Controller
HT82M398A HOLTEK-HT82M398A Datasheet
93Kb / 8P
   WIN2000 3D PS/2 Mouse Controller
HT82M30A HOLTEK-HT82M30A Datasheet
177Kb / 13P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M32A HOLTEK-HT82M32A Datasheet
168Kb / 11P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M35X HOLTEK-HT82M35X Datasheet
104Kb / 7P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M22 HOLTEK-HT82M22 Datasheet
95Kb / 6P
   5-Key 3D USBPS/2 Optical Mouse Controller
HT82M39A HOLTEK-HT82M39A_05 Datasheet
112Kb / 8P
   3-Key 3D PS/2 Mouse Controller
HT82M98A HOLTEK-HT82M98A_06 Datasheet
99Kb / 7P
   3-Key 3D USBPS/2 Mouse Controller
HT82M39A HOLTEK-HT82M39A Datasheet
105Kb / 10P
   3D PS/2 Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com