Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82M98A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT82M98A
Description  3-Key 3D USBPS/2 Mouse Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M98A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT82M98A_06 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M98A_06 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M98A_06 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M98A_06 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M98A_06 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M98A_06 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M98A_06 Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Pin Assignment
Pin Description
Pin Name
I/O
Description
USB Interface (2 pins)
USBD+/CLK
I/O
USB data plus or PS2 Clock, F/W auto-detect USBD+ for USB, CLK for PS2
USBD
-/DATA I/O USB data minus or PS2 Data, F/W auto-detect USBD- for USB, DATA for PS2
General purpose I/O (11 pins)
X1, X2
I
X-axis photo input with built-in Holtek
¢s special dynamic photo input resistor
Y1, Y2
I
Y-axis photo input with built-in Holtek
¢s special dynamic photo input resistor
Z1, Z2
I
Z-axis input supports two kinds of scroller input; optomechanical and mechanical
L, R, M
I
Input ports with pull-high resistor. These pads can function as Left, Right and Middle button in-
put lines.
SEL0*
SEL1*
I
I
SEL0=1: 400DPI (default)
SEL0=0: 800DIP
SEL1=1: USB and PS2 combo (default)
SEL1=0: USB only
Miscellaneous (7 pins)
VSS
¾ Negative power supply, ground
V33O
O
3.3V voltage output
RESET
I
Chip reset input, low active
LED
I/O
Drives LED output
VDD
¾ 5V positive power supply
OSC2
O
6MHz OSC output
OSC1
I
6MHz OSC input
Note:
²*² These functions are only available on date code ¢-4¢ version
Absolute Maximum Ratings
Supply Voltage ..............................VSS
-0.3V to VSS+6V
Storage Temperature ............................
-50°Cto125°C
MCU Input Voltage.....................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-25°Cto70°C
USB Input Voltage ....................VSS
-0.3V to V33O+0.3V
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT82M98A
Rev. 2.00
2
October 31, 2006
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1
2
3
4
5
6
7
8
9
1 0
H T 8 2 M 9 8 A
2 0 D I P - A
V S S
V 3 3 O
U S B D + / C L K
U S B D - / D A T A
R E S E T
X 1
X 2
Y 1
Y 2
S E L 0
O S C 1
O S C 2
V D D
L E D
M
R
L
Z 2
Z 1
S E L 1
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1 0
1
2
3
4
5
6
7
8
9
V S S
V 3 3 O
U S B D + / C L K
U S B D - / D A T A
R E S E T
X 1
X 2
Y 1
Y 2
O S C 1
O S C 2
V D D
L E D
M
R
L
Z 2
Z 1
H T 8 2 M 9 8 A
1 8 D I P - A


Similar Part No. - HT82M98A_06

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M98A HOLTEK-HT82M98A Datasheet
89Kb / 7P
   3D USBPS2 Mouse
More results

Similar Description - HT82M98A_06

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M21A HOLTEK-HT82M21A Datasheet
94Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A_05 Datasheet
114Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M39A HOLTEK-HT82M39A_05 Datasheet
112Kb / 8P
   3-Key 3D PS/2 Mouse Controller
HT82M980A HOLTEK-HT82M980A_05 Datasheet
110Kb / 6P
   5-Key 3D WIN2000 USBPS/2 Mouse Controller
HT82M980A HOLTEK-HT82M980A Datasheet
167Kb / 6P
   5-Key 3D WIN2000 USBPS/2 Mouse Controller
HT82M22 HOLTEK-HT82M22 Datasheet
95Kb / 6P
   5-Key 3D USBPS/2 Optical Mouse Controller
HT82M30A HOLTEK-HT82M30A Datasheet
177Kb / 13P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M32A HOLTEK-HT82M32A Datasheet
168Kb / 11P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M35X HOLTEK-HT82M35X Datasheet
104Kb / 7P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M398A HOLTEK-HT82M398A_06 Datasheet
108Kb / 7P
   5-Key 3D WIN2000 PS/2 Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com