Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82M25X Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT82M25X
Description  3/5-Key USBPS/2 Optical Mouse Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M25X Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT82M25X Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M25X Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M25X Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M25X Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M25X Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M25X Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M25X Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M25X Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M25X Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
4.4
¾
5.25
V
IDD
Operating Current
(Crystal OSC)
5V
No load,
fSYS=6MHz
USB mode
¾
10
¾
mA
PS/2 mode
¾
3
¾
mA
ISUS
USB Suspend Mode
5V
No load, system HALT
¾¾
250
mA
VIL1
Input Low Voltage
(Z1, Z2, L, M, R)
5V
¾
0
¾
1.0
V
VIH1
Input High Voltage
(Z1, Z2, L, M, R)
5V
¾
3.5
¾
5V
VIL2
Input Low Voltage (RESET)5V
¾
0
¾
1.5
V
VIH2
Input High Voltage (RESET)5V
¾
3.5
¾
5V
VPOR
Built-in Power on Reset VDD
Detection Voltage
5V
¾¾
3.7
¾
V
IOL
Sink Current (LED)
5V
VOL=0.8V
¾
50
¾
mA
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock (Crystal OSC)
5V
¾
0
6000
¾
kHz
Note: tSYS=1/fSYS
Timing Diagram
Z-axis Photo-Coupler Crossover Width
Z-axis Counting
HT82M25X
Rev. 1.00
4
May 14, 2007
Z 1
Z 2
t r
t f
t P
N o t e : F o r Z - a x i s t r , t P , t f > 1 m s
Z 1
Z 2
+ 1
+ 1
- 1
- 1


Similar Part No. - HT82M25X

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M21A HOLTEK-HT82M21A Datasheet
94Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A Datasheet
114Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A_05 Datasheet
114Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M22 HOLTEK-HT82M22 Datasheet
95Kb / 6P
   5-Key 3D USBPS/2 Optical Mouse Controller
HT82M22A HOLTEK-HT82M22A Datasheet
95Kb / 6P
   5-Key 3D USBPS/2 Optical Mouse Controller
More results

Similar Description - HT82M25X

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M23A HOLTEK-HT82M23A Datasheet
169Kb / 14P
   3/5-Key USBPS/2 Optical Mouse Controller
HT82M22 HOLTEK-HT82M22 Datasheet
95Kb / 6P
   5-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A Datasheet
94Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A_05 Datasheet
114Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M30A HOLTEK-HT82M30A Datasheet
177Kb / 13P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M32A HOLTEK-HT82M32A Datasheet
168Kb / 11P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M35X HOLTEK-HT82M35X Datasheet
104Kb / 7P
   3/5-Key 3D PS/2 Optical Mouse Controller
HT82M98A HOLTEK-HT82M98A_06 Datasheet
99Kb / 7P
   3-Key 3D USBPS/2 Mouse Controller
logo
ELAN Microelectronics C...
EKM8053 EMC-EKM8053 Datasheet
623Kb / 16P
   USB & PS/2 Optical Mouse Controller
EKM8050 EMC-EKM8050 Datasheet
487Kb / 9P
   USB & PS/2 Optical Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com