Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDM1677DGGRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN65LVDM1677DGGRG4
Description  HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDM1677DGGRG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVDM1677DGGRG4 Datasheet HTML 1Page - Texas Instruments SN65LVDM1677DGGRG4 Datasheet HTML 2Page - Texas Instruments SN65LVDM1677DGGRG4 Datasheet HTML 3Page - Texas Instruments SN65LVDM1677DGGRG4 Datasheet HTML 4Page - Texas Instruments SN65LVDM1677DGGRG4 Datasheet HTML 5Page - Texas Instruments SN65LVDM1677DGGRG4 Datasheet HTML 6Page - Texas Instruments SN65LVDM1677DGGRG4 Datasheet HTML 7Page - Texas Instruments SN65LVDM1677DGGRG4 Datasheet HTML 8Page - Texas Instruments SN65LVDM1677DGGRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
2.4 –
V
ID
2
V
ID
2
SN65LVDM1676
SN65LVDM1677
SLLS430D – NOVEMBER 2000 – REVISED JUNE 2007
over operating free-air temperature range (unless otherwise noted)(1)(2)
RATING
VCC
Supply voltage range
–0.5 V to 4 V
A, TX/RX
–0.5 V to 6 V
VI
Input voltage range
Y or Z
–0.5 V to 4 V
|VID|
Differential input voltage magnitude, (SN65LVDM1677 only)
1 V
IO
Receiver output current
±20 mA
PD
Continuous power dissipation
See the Dissipation Rating Table
Y, Z, and GND
Class 3, A: 8 kV, B: 600 V
ESD
Electrostatic discharge (3)
All Pins
Class 3, A: 7 kV, B: 500 V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
Tested in accordance with MIL-STD-883C Method 3015.7.
TA ≤ 25°C
DERATING FACTOR(1)
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
DGG
2094 mW
16.7 mW/
°C
1089 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board mounted and with no air
flow.
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
VIH
High-level input voltage
2
VIL
Low-level input voltage
0.8
V
|VID|
Magnitude of differential input voltage
0.1
0.6
VIC
Common-mode input voltage
VCC–0.8
V
IOL
Receiver low-level output current
8
mA
IOH
Receiver high-level output current
–8(1)
TA
Operating free-air temperature
–40
85
°C
(1)
The algebraic convention in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
5
Submit Documentation Feedback


Similar Part No. - SN65LVDM1677DGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM1677DGGRG4 TI-SN65LVDM1677DGGRG4 Datasheet
341Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677DGGRG4 TI-SN65LVDM1677DGGRG4 Datasheet
450Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
More results

Similar Description - SN65LVDM1677DGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM1677 TI-SN65LVDM1677 Datasheet
341Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1676 TI-SN65LVDM1676_08 Datasheet
450Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SNJ55118 TI-SNJ55118 Datasheet
484Kb / 12P
[Old version datasheet]   Differential line transceivers
SN55116 TI-SN55116 Datasheet
239Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116_14 Datasheet
1Mb / 29P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116_13 Datasheet
311Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com