Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC2545 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC2545
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2545 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC2545 Datasheet HTML 5Page - Semtech Corporation SC2545 Datasheet HTML 6Page - Semtech Corporation SC2545 Datasheet HTML 7Page - Semtech Corporation SC2545 Datasheet HTML 8Page - Semtech Corporation SC2545 Datasheet HTML 9Page - Semtech Corporation SC2545 Datasheet HTML 10Page - Semtech Corporation SC2545 Datasheet HTML 11Page - Semtech Corporation SC2545 Datasheet HTML 12Page - Semtech Corporation SC2545 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
© 2005 Semtech Corp.
www.semtech.com
SC2545
POWER MANAGEMENT
The inductor current is sensed by using the low side
MOSFET R
ds(on) . After low side MOSFET is turned on,
the OCP comparator starts monitoring the voltage
drop across the MOSFET. The OCP trip level is pro-
grammed by the resistor from the ILIM pin to the
phase node. There is an internal current source that
flows out of the ILIM pin which will generate a voltage
drop on the setting resistor. When the sum of the
setting resistor voltage and the MOSFET drain to
source voltage is less then zero, the OCP condition will
be flagged. This functionality is depicted in Figure 2.
The following formula is used to set the OCP level
Figure 2. Block diagram of over current
protection.
Figure 3. OCP comparator timing chart.
Over Current Protection (OCP)
Over Current Protection (OCP)
Over Current Protection (OCP)
Over Current Protection (OCP)
Over Current Protection (OCP)
_
()
10
ILIM
L PEAK
DS ON
AR
I
R
µ ×=
×
When OCP is tripped, both high side and low side
MOSFETs will be turned off and this condition is
latched. At the same time, the soft start cap will be
discharged by the internal current source of 15uA.
When the Vss drops bellow 0.65V, the DRVL pin will go
high again.
To avoid switching noise during the phase node
commutation, a 100nS blanking time is built in after
the low side MOSFET is turned on, as shown in Fig. 3.
10uA
OCP
DRVL
ILIM
+
-
Out
OUTPUT
VCC
DRVH
U
U
U
U
Under V
nder V
nder V
nder V
nder Voltage Lock Out (UVL
oltage Lock Out (UVL
oltage Lock Out (UVL
oltage Lock Out (UVL
oltage Lock Out (UVLO)
O)
O)
O)
O)
The UVLO circuitry monitors Vcc and the soft start
begins once Vcc ramps up above 4.5V. There is a built
in 200mV hysteresis for the UVLO ramp down
threshold. The gate driver output will be in “tri-state”
(both high side and low side MOSFET off) once Vcc
ramps down bellow 4.2V (typical), and the soft start
cap will be discharged by internal 15uA current sink.
Ov
Ov
Ov
Ov
Over V
er V
er V
er V
er Voltage Pr
oltage Pr
oltage Pr
oltage Pr
oltage Proooootttttection (O
ection (O
ection (O
ection (O
ection (OVP)
VP)
VP)
VP)
VP)
The OVP circuitry monitors the feedback voltages, If
either feedback voltage exceeds 0.89V, the OVP
condition is registered. Under this condition, the DRVH
pins will be pulled low, and the DRVL pins will be pulled
high. This will create a “crow bar” condition for the
input power rail in case the high side MOSFET is failed
short. The crow bar operation may trip the input supply
to prevent the load from seeing more voltage.
Power Good Output
Power Good Output
Power Good Output
Power Good Output
Power Good Output
The power good is an open collector output. The
PWRGD pin is pulled low at start up if any of the two
feedback voltages below 90% of its regulation level.
The ramp down threshold of the signal is 80% of the
regulation target. External pull up is required for the
PWRGD pin, and the pull up resistor should be chosen
such that the pin does not sink more than 2mA when
PWRGD is low.
TG
I
L
100nS
Blanking
OCP Active
TG
I
L
100nS
Blanking
OCP Active
Applications Information (Cont.)


Similar Part No. - SC2545

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SC2540 SHUNYE-SC2540 Datasheet
260Kb / 2P
   25 AMP SOZA CELL
logo
Semtech Corporation
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542EVB SEMTECH-SC2542EVB Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542TETRT SEMTECH-SC2542TETRT Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2544 SEMTECH-SC2544 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
More results

Similar Description - SC2545

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2544 SEMTECH-SC2544 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2442 SEMTECH-SC2442 Datasheet
332Kb / 10P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC4612 SEMTECH-SC4612 Datasheet
425Kb / 24P
   Wide Input Range High Performance Synchronous Buck Switching Controller
logo
Texas Instruments
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com