Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C390 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # C390
Description  Phase Control SCR 450 Amperes Average 2400 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

C390 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  C390 Datasheet HTML 1Page - Powerex Power Semiconductors C390 Datasheet HTML 2Page - Powerex Power Semiconductors C390 Datasheet HTML 3Page - Powerex Power Semiconductors C390 Datasheet HTML 4Page - Powerex Power Semiconductors C390 Datasheet HTML 5Page - Powerex Power Semiconductors C390 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


Similar Part No. - C390

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
C390 POWEREX-C390 Datasheet
231Kb / 6P
   Phase Control SCR 450 Amperes Average 500-1300 Volts
logo
New Jersey Semi-Conduct...
C390 NJSEMI-C390 Datasheet
100Kb / 2P
   SCR 850A RMS UP TO 1300 VOLTS
logo
Hamamatsu Corporation
C3901 HAMAMATSU-C3901 Datasheet
209Kb / 6P
   Current output, high UV sensitivity, excellent linearity, low power consumption
C3901 HAMAMATSU-C3901_10 Datasheet
209Kb / 6P
   Current output, high UV sensitivity, excellent linearity, low power consumption
logo
Sanyo Semicon Device
C3902 SANYO-C3902 Datasheet
66Kb / 5P
   160V / 1.5A Switching Applications
More results

Similar Description - C390

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
T9G01200A POWEREX-T9G01200A Datasheet
487Kb / 4P
   Phase Control SCR (1200 Amperes Average 2400 Volts)
logo
Power Analog Micoelectr...
T820750A PAM-T820750A_09 Datasheet
168Kb / 4P
   Phase Control SCR 750 Amperes Average 2400 Volts
logo
Powerex Power Semicondu...
C451 POWEREX-C451 Datasheet
498Kb / 4P
   Phase Control SCR 1500 Amperes Average 2400 Volts
C451PM POWEREX-C451PM Datasheet
514Kb / 4P
   Phase Control SCR 1500 Amperes Average 2400 Volts
TA201600A POWEREX-TA201600A_13 Datasheet
838Kb / 4P
   Phase Control SCR 1600 Amperes Average 2400 Volts
C391 POWEREX-C391 Datasheet
817Kb / 4P
   Phase Control SCR 490 Amperes Average 2400 Volts
C441PD POWEREX-C441PD Datasheet
648Kb / 4P
   Phase Control SCR 750 Amperes Average 2400 Volts
T820750A POWEREX-T820750A Datasheet
637Kb / 4P
   Phase Control SCR (750 Amperes Average 2400 Volts)
T9G01000A POWEREX-T9G01000A Datasheet
491Kb / 4P
   Phase Control SCR (1000 Amperes Average 2400 Volts)
T720 POWEREX-T720 Datasheet
720Kb / 4P
   Phase Control SCR (450-550 Amperes 2400 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com