Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1417BIMSTR Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1417BIMSTR
Description  MicroPower, 620kHz PWM, Step-up DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1417BIMSTR Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1417BIMSTR Datasheet HTML 3Page - Semtech Corporation SC1417BIMSTR Datasheet HTML 4Page - Semtech Corporation SC1417BIMSTR Datasheet HTML 5Page - Semtech Corporation SC1417BIMSTR Datasheet HTML 6Page - Semtech Corporation SC1417BIMSTR Datasheet HTML 7Page - Semtech Corporation SC1417BIMSTR Datasheet HTML 8Page - Semtech Corporation SC1417BIMSTR Datasheet HTML 9Page - Semtech Corporation SC1417BIMSTR Datasheet HTML 10Page - Semtech Corporation SC1417BIMSTR Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
 2006 Semtech Corp.
www.semtech.com
SC1417B
POWER MANAGEMENT
Land Pattern - MSOP-8
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805) 498-2111 FAX (805)498-3804
Contact Information
Visit us at: www.semtech.com
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
P
X
(C)
Y
Z
G
.224
.063
.016
.026
(.161)
.098
(4.10)
5.70
1.60
0.40
0.65
2.50
MILLIMETERS
DIMENSIONS
DIM
INCHES
X
Z
Y
C
P
G


Similar Part No. - SC1417BIMSTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC141 ETC1-SC141 Datasheet
232Kb / 6P
   6-A AND 10-A SILICON TRIACS
logo
Digitron Semiconductors
SC141 DIGITRON-SC141 Datasheet
231Kb / 2P
   BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
SC141 NJSEMI-SC141 Datasheet
155Kb / 3P
   Bi-Directional Tried* Thy ristor
logo
Semtech Corporation
SC1410A SEMTECH-SC1410A Datasheet
173Kb / 9P
   Constant Voltage/Constant Current Battery Charger
logo
Digitron Semiconductors
SC141A DIGITRON-SC141A Datasheet
231Kb / 2P
   BIDIRECTIONAL TRIODE THYRISTORS
More results

Similar Description - SC1417BIMSTR

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2627 EUTECH-EUP2627 Datasheet
182Kb / 2P
   620kHz/1.25MHz Step-up DC/DC Converter
EUP2624 EUTECH-EUP2624 Datasheet
359Kb / 9P
   620kHz/1.25MHz Step-up DC/DC Converter
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130_1 Datasheet
550Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5130 AME-AME5130 Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5138 AME-AME5138 Datasheet
533Kb / 16P
   Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309B TMT-T6309B Datasheet
131Kb / 11P
   Micropower Step-up DC/DC Converter
T6309A TMT-T6309A Datasheet
364Kb / 13P
   Micropower Step-up DC/DC Converter
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com