Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC4905A Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4905A
Description  High Performance Voltage Mode PWM Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4905A Datasheet(HTML) 1 Page - Semtech Corporation

  SC4905A Datasheet HTML 1Page - Semtech Corporation SC4905A Datasheet HTML 2Page - Semtech Corporation SC4905A Datasheet HTML 3Page - Semtech Corporation SC4905A Datasheet HTML 4Page - Semtech Corporation SC4905A Datasheet HTML 5Page - Semtech Corporation SC4905A Datasheet HTML 6Page - Semtech Corporation SC4905A Datasheet HTML 7Page - Semtech Corporation SC4905A Datasheet HTML 8Page - Semtech Corporation SC4905A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
www.semtech.com
SC4905A/B
High Performance Voltage Mode
PWM Controller
POWER MANAGEMENT
Revision: January 4, 2006
Description
Features
Applications
Typical Application Circuit
Operation to 1MHz
Accurate programmable maximum duty cycle
Integrated oscillator/voltage feed forward
compensation
Line voltage monitoring
External frequency synchronization
Bi-phase mode of operation for ripple reduction
Under 100µA start-up current
Accessible reference voltage
VDD undervoltage lockout
-40°C to 105°C operating temperature
10-Pin MSOP Lead-free package available.
Fully WEEE and RoHS compliant
Telecom equipment and power supplies
Networking power supplies
Power over LAN applications
Industrial power supplies
Isolated power supplies
The SC4905A/B is a 10 pin BICMOS primary side voltage
mode controller for use in Isolated DC-DC and off-line
switching power supplies. It is a highly integrated solution,
requiring few external components. The device features a
high speed oscillator with integrated feed forward
compensation, accurately programmable maximum duty
cycle, voltage mode of operation, line voltage monitoring,
supply UVLO, low start up current, low voltage current limit
threshold and user accessible reference.
The SC4905A/B device operates at a fixed frequency,
highly desirable for Telecom applications. Features a
separate SYNC pin which simplifies synchronization to
an external clock. Feeding the oscillator of one device to
the SYNC of another forces biphase operation (180
degrees apart) which reduces input ripple and filter size.
The SC4905A has a typical turn-on threshold of 4.4V
and the SC4905B has a typical turn-on threshold of
about 11.6 volts.
These devices are available in the 10 lead MSOP
package.


Similar Part No. - SC4905A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A Datasheet
344Kb / 20P
   HIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER
SC4905AIMSTR SEMTECH-SC4905AIMSTR Datasheet
369Kb / 24P
   High Performance Voltage Mode PWM Controller
SC4905AIMSTRT SEMTECH-SC4905AIMSTRT Datasheet
369Kb / 24P
   High Performance Voltage Mode PWM Controller
SC4905AMSTR SEMTECH-SC4905AMSTR Datasheet
344Kb / 20P
   HIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER
SC4905A SEMTECH-SC4905A_16 Datasheet
369Kb / 24P
   High Performance Voltage Mode PWM Controller
More results

Similar Description - SC4905A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A Datasheet
344Kb / 20P
   HIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER
SC4905A SEMTECH-SC4905A_16 Datasheet
369Kb / 24P
   High Performance Voltage Mode PWM Controller
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
   High performance current mode PWM controller
V1.0
logo
STMicroelectronics
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com