Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1176ASWTR Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1176ASWTR
Description  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1176ASWTR Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1176ASWTR Datasheet HTML 6Page - Semtech Corporation SC1176ASWTR Datasheet HTML 7Page - Semtech Corporation SC1176ASWTR Datasheet HTML 8Page - Semtech Corporation SC1176ASWTR Datasheet HTML 9Page - Semtech Corporation SC1176ASWTR Datasheet HTML 10Page - Semtech Corporation SC1176ASWTR Datasheet HTML 11Page - Semtech Corporation SC1176ASWTR Datasheet HTML 12Page - Semtech Corporation SC1176ASWTR Datasheet HTML 13Page - Semtech Corporation SC1176ASWTR Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1176/SC1176A
Typical Characteristics - 2 Channels with Current Sharing (Cont.)
The Current Sharing Evaluation Board is not intended for a specific application. The power components are not
optimized for minimum cost and size. This evaluation board should be used to understand the operation of the
SC1176. To design with SC1176 for specific current sharing applications. Please refer to: Application note AN00-3.
Figure 5:
Figure 5:
Figure 5:
Figure 5:
Figure 5: Efficiency data - current sharing mode.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
2
4
6
8
101214
Current (A)
VIN(MASTER) = 12V
VIN(SLAVE) = 5V
VOUT = 2.75V


Similar Part No. - SC1176ASWTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1176ASWTR SEMTECH-SC1176ASWTR Datasheet
384Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
More results

Similar Description - SC1176ASWTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677B SEMTECH-SC2677B_09 Datasheet
382Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677 SEMTECH-SC2677 Datasheet
163Kb / 9P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176 Datasheet
384Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
logo
Semtech Corporation
SC1175 SEMTECH-SC1175 Datasheet
348Kb / 20P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
logo
International Rectifier
IRU3146 IRF-IRU3146 Datasheet
528Kb / 30P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
logo
Advanced Power Electron...
APU3146 A-POWER-APU3146 Datasheet
1Mb / 28P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
logo
Semtech Corporation
SC1175 SEMTECH-SC1175_04 Datasheet
379Kb / 23P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com