Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF3710 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TRF3710
Description  IQ DEMODULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3710 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TRF3710 Datasheet HTML 18Page - Texas Instruments TRF3710 Datasheet HTML 19Page - Texas Instruments TRF3710 Datasheet HTML 20Page - Texas Instruments TRF3710 Datasheet HTML 21Page - Texas Instruments TRF3710 Datasheet HTML 22Page - Texas Instruments TRF3710 Datasheet HTML 23Page - Texas Instruments TRF3710 Datasheet HTML 24Page - Texas Instruments TRF3710 Datasheet HTML 25Page - Texas Instruments TRF3710 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
www.ti.com
GNDDIG
VCCDIG
CHIP_EN
VCCMIX
NC
NC
NC
NC
NC
MIXinp
MIXinn
VCCMIX
1
2
3
4
5
6
7
8
9
10
11
12
25
26
27
28
29
30
31
32
33
34
35
36
VCCBBI
ADC_CM( 1.5V)
~
ADC_CM( 1.5V)
~
C1
0.1 F
m
C11
0.1 F
m
C12
0.1 F
m
C2
C8
C3
C6
1000pF
1000pF
10pF
10pF
10pF
10pF
10pF
0.1 F
m
AGND
BBIoutp
BBIoutn
LOip
LOin
NC
BBQoutp
BBQoutn
AGND
VCCBBQ
VCCLO
VCC
VCC
VCC
VCC
VCC
BBIN
BBQN
LON
U1
TRF3710
RFin
R1
30kW
To ADCQ
ToSYNTHESIZER
To ADCI
BBIP
BBQP
LOP
C10
VCC
VCC
CHIP_EN
10pF
C9
C5
LDB21
C4
C7
B1
ADC INTERFACE
TRF3710
SLWS199 – AUGUST 2007
Figure 36. TRF3710 Application Schematics
The RF input port and the RF LO port require differential input paths. Single ended RF inputs to these ports can
be converted with an RF balun that is centered at the band of interest. Linearity performance of the TRF3710 is
dependant on the amplitude and phase balance of the RF balun; hence, care should be taken with the selection
of the balun device and with the RF layout of the device. The recommended RF balun devices are listed in
Table 5.
Table 5. RF Balun Devices
MANUFACTURER
PART NUMBER
FREQUENCY RANGE (MHz)
UNBALANCE
BALANCE
IMPEDANCE
IMPEDANCE
Murata
LDB211G8005C-001
1800 ±100 MHz
50
50
Murata
LDB211G9005C-001
1900 ±100 MHz
50
50
The TRF3710 has an integrated ADC driver buffer that allows direct connection to an Analog-to-Digital Converter
(ADC) without additional active circuitry. The common mode voltage generated by the ADC can be directly
supplied to the TRF3710 through the VCMI/Q pins (pins 24, 37). Otherwise, a nominal common mode voltage of
1.5 V should be applied to those pins. The TRF3710 device can operate with a common mode voltage from 1.5
V to 2.8 V without any impairment to the output performance. Figure 37 illustrates the degradation of the output
compression point as the common mode voltage exceeds those values.
22
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s) :TRF3710


Similar Part No. - TRF3710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3710_15 TI-TRF3710_15_15 Datasheet
467Kb / 27P
[Old version datasheet]   IQ DEMODULATOR
More results

Similar Description - TRF3710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3710_15 TI-TRF3710_15_15 Datasheet
467Kb / 27P
[Old version datasheet]   IQ DEMODULATOR
TRF371125 TI-TRF371125 Datasheet
1Mb / 46P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
TRF371135_15 TI-TRF371135_15_15 Datasheet
2Mb / 58P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
TRF371135 TI-TRF371135 Datasheet
2Mb / 54P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
logo
Teledyne Technologies I...
IQM2811 TELEDYNE-IQM2811 Datasheet
268Kb / 2P
   IQ MIXER MODULATOR/DEMODULATOR
logo
NEC
UPC2781GR NEC-UPC2781GR Datasheet
78Kb / 5P
   SI MMIC IQ DEMODULATOR
UPC2766GR NEC-UPC2766GR_00 Datasheet
76Kb / 7P
   WIDEBAND IQ DEMODULATOR FOR DIGITAL RECEIVERS
UPC3205GR NEC-UPC3205GR Datasheet
135Kb / 20P
   IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
logo
Teledyne Technologies I...
IQM4221 TELEDYNE-IQM4221 Datasheet
272Kb / 2P
   1.9 TO 4.2 GHz IQ MIXER MODULATOR/DEMODULATOR
IQM11621 TELEDYNE-IQM11621 Datasheet
241Kb / 2P
   6.0 TO 10.8 GHz IQ MIXER MODULATOR/DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com